Electronic Components Datasheet Search
  English  ▼

X  

NTCALUG03A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCALUG03A
Description  NTC Thermistors, Mini Lug Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG03A Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCALUG03A Datasheet HTML 1Page - Vishay Siliconix NTCALUG03A Datasheet HTML 2Page - Vishay Siliconix NTCALUG03A Datasheet HTML 3Page - Vishay Siliconix NTCALUG03A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTCALUG03A / LUG39A Mini Lug Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Feb-2022
1
Document Number: 29114
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Mini Lug Sensors
LINKS TO ADDITIONAL RESOURCES
AGENCY APPROVALS
• cUL certificate XGPU8.E148885
• ULus certificate XGPU2.E148885
Note
• Agency approval documents, please see:
www.vishay.com/ppg?29114&documents
DESIGN-IN SUPPORT
• Other resistance curves and tolerances are available on
request
• Consult Vishay for other lead length, other connector
crimping, or other features
https://info.vishay.com/vishay-ntc-modification-request
• 3D solid models: www.vishay.com/doc?29147
• NTC curve computation:
www.vishay.com/thermistors/ntc-rt-calculator/
FEATURES
• Fast time response for surface applications
compared to industry standard NTC lug sensors
• Reduced thermal gradient, due to the use of
small
dimensions
and
nickel
conductor,
allowing for an accurate surface temperature
measurement
• The sensor is not suitable for being permanently
in contact with water or liquids
• Small size connector and small lug ring tongue terminal,
allowing for temperature sensing at locations where only
limited space is available
• Optional connector, rated +85 °C, tin plated (e3)
• AEC-Q200 qualified available (grade 1)
• cULus recognized, file E148885
(UL category XGPU2/XGPU8)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Thermistors used for surface temperature sensing and
control in:
• Computer equipment
• MOSFETS, IC’s, power electronics, heatsink temperature
control, LED emitter heat-sink control
• Consumer appliances
• Industrial equipment
• Automotive equipment
DESCRIPTION
Miniature
insulated
chip
thermistor
with
a
negative
temperature coefficient soldered to AWG#32 silver plated
nickel and insulated cables, and mounted inside a mini lug
tin plated copper barrel.
PACKAGING
Available in plastic bags.
CAUTIONS AND WARNINGS ON MOUNTING
AND HANDLING
Please read the special instructions:
see www.vishay.com/doc?29221.
• The sensor NTCALUG03A can be mounted by means of a
screw M2 (stud #1, #2), or a screw M3 (stud #3, #4) for
NTCALUG39A
• For the type without connector, the electrical connection
can be made by soldering, crimping, or welding
• For the type with connector, see section Mounting
Connector
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
10K to 47K
Ω
Tolerance on
R25-value
± 2 to ± 3
%
B25/85-value
3740 to 3984
K
Tolerance on B25/85-value
± 0.5 to ± 1.5
%
Operating temperature range:
°C
At zero dissipation
-40 to +125
Response time
≈ 3.5
s
Thermal time constant
τ≈ 5s
Dissipation factor
δ
10
mW/K
Min. dielectric withstanding
voltage between terminals
and lug
1000
VAC
Climatic category
(LCT / UCT / days)
40 / 125 / 56
-
Weight
without connector
~ 0.5
g
with connector
~ 0.6
g
333
DDD3 D
3D Models
Design Tools
Models
Related
Documents
Available


Similar Part No. - NTCALUG03A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03A103G VISHAY-NTCALUG03A103G Datasheet
117Kb / 7P
NTC Thermistors, Mini Lug Sensors
12-Apr-11
NTCALUG03A103G VISHAY-NTCALUG03A103G Datasheet
110Kb / 3P
NTC Thermistors, Mini Lug Sensors
03-Mar-17
NTCALUG03A103GC VISHAY-NTCALUG03A103GC Datasheet
117Kb / 7P
NTC Thermistors, Mini Lug Sensors
12-Apr-11
NTCALUG03A103GC VISHAY-NTCALUG03A103GC Datasheet
110Kb / 3P
NTC Thermistors, Mini Lug Sensors
03-Mar-17
NTCALUG03A103H VISHAY-NTCALUG03A103H Datasheet
127Kb / 7P
NTC Thermistors, Mini Lug Sensors
16-Sep-10
More results

Similar Description - NTCALUG03A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
NTC Thermistors, Mini Lug Sensors
16-Sep-10
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
NTC Thermistors, Mini Lug Sensors
12-Apr-11
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
NTC Thermistors, Standard Lug Sensors
17-Nov-17
NTCALUG03 VISHAY-NTCALUG03_17 Datasheet
110Kb / 3P
NTC Thermistors, Mini Lug Sensors
03-Mar-17
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors
12-Oct-2018
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors, 150 °C
30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
NTC Thermistors, Standard Lug Sensors
01-Mar-2022
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
NTC Thermistors, Standard Lug Sensors
21-Feb-2022
NTCALUG85A VISHAY-NTCALUG85A Datasheet
106Kb / 3P
NTC Thermistors, Standard Lug Sensors
01-Mar-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com