| Electronic Components Datasheet Search |
|
ADSP-SC582 Datasheet(PDF) 58 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC582 Datasheet(HTML) 58 Page - Analog Devices |
|
58 / 173 page ![]() Rev. B | Page 58 of 173 | December 2018 ADSP-SC582/SC583/SC584/SC587/SC589/ADSP-21583/21584/21587 ADSP-SC58X/ADSP-2158X DESIGNER QUICK REFERENCE Table 27 provides a quick reference summary of pin related information for circuit board design. The columns in this table provide the following information: • The Signal Name column includes the signal name for every pin and the GPIO multiplexed pin function, where applicable. • The Type column identifies the I/O type or supply type of the pin. The abbreviations used in this column are a (ana- log), s (supply), g (ground) and Input, Output, and InOut. • The Driver Type column identifies the driver type used by the corresponding pin. The driver types are defined in the Output Drive Currents section of this data sheet. • The Internal Term column specifies the termination pres- ent when the processor is not in the reset state. • The Reset Term column specifies the termination present when the processor is in the reset state. • The Reset Drive column specifies the active drive on the signal when the processor is in the reset state. • The Power Domain column specifies the power supply domain in which the signal resides. •The Description and Notes column identifies any special requirements or characteristics for a signal. These recom- mendations apply whether or not the hardware block associated with the signal is featured on the product. If no special requirements are listed, the signal can be left uncon- nected if it is not used. For multiplexed general-purpose I/O pins, this column identifies the functions available on the pin. Table 27. ADSP-SC58x/ADSP-2158x Designer Quick Reference Signal Name Type Driver Type Internal Term Reset Term Reset Drive Power Domain Description and Notes DAI0_PIN01 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 1 Notes: No notes DAI0_PIN02 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 2 Notes: No notes DAI0_PIN03 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 3 Notes: No notes DAI0_PIN04 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 4 Notes: No notes DAI0_PIN05 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 5 Notes: No notes DAI0_PIN06 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 6 Notes: No notes DAI0_PIN07 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 7 Notes: No notes DAI0_PIN08 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 8 Notes: No notes DAI0_PIN09 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 9 Notes: No notes DAI0_PIN10 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 10 Notes: No notes DAI0_PIN11 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 11 Notes: No notes DAI0_PIN12 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 12 Notes: No notes DAI0_PIN13 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 13 Notes: No notes DAI0_PIN14 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 14 Notes: No notes DAI0_PIN15 InOut A PullDown none none VDD_EXT Desc: DAI0 Pin 15 Notes: No notes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |