Electronic Components Datasheet Search
  English  ▼

X  

PTCSSLVT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTCSSLVT
Description  PTC Thermistors, Sleeve Type for Over-Temperature Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCSSLVT Datasheet(HTML) 2 Page - Vishay Siliconix

  PTCSSLVT Datasheet HTML 1Page - Vishay Siliconix PTCSSLVT Datasheet HTML 2Page - Vishay Siliconix PTCSSLVT Datasheet HTML 3Page - Vishay Siliconix PTCSSLVT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 29116
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 03-Sep-10
2
PTCSSLVT Series/2381 671 914..
PTC Thermistors,
Sleeve Type for Over-Temperature Protection
Vishay BCcomponents
TYPICAL RESISTANCE/TEMPERATURE CHARACTERISTIC
10
100
1000
10 000
100 000
1 000 000
10 000 000
- 50
- 25
0
25
50
75
100
125
150
Temperature (°C)
2381 671 91404
PTCSSLVT091DBE
2381 671 91403
PTCSSLVT081DBE
2381 671 91402
PTCSSLVT071DBE
10
100
1000
10 000
100 000
1 000 000
10 000 000
- 50 - 25
0
25
50
75
100 125 150 175
Temperature (°C)
2381 671 91407
PTCSSLVT121DBE
2381 671 91406
PTCSSLVT111DBE
2381 671 91405
PTCSSLVT101DBE
10
100
1000
10 000
100 000
1 000 000
- 50 - 25
0
25
50
75 100 125 150 175 200
Temperature (°C)
2381 671 91414
PTCSSLVT151DBE
2381 671 91412
PTCSSLVT141DBE
2381 671 91409
PTCSSLVT131DBE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com