Electronic Components Datasheet Search
  English  ▼

X  

M64894 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M64894
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64894 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M64894 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64894 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64894 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64894 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64894 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64894 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64894 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64894 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MITSUBISHI ICS (TV)
M64894FP/GP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
5
METHOD OF SETTING DATA
The input information to consit of 2 or data of 4bytes to lead to Chip
Address is received in I2Cbus receiver. It shows a definition of bus
protocol admitted in the following.
1_STA CA
CB
BB
STO
2_STA CA
D1
D2
STO
3_STA CA
CB
BB
D1
D2
STO
4_STA CA
D1
D2
CB
BB
STO
STA : Start condition
STO : Stop condition
CA
: Chip address
CB
: Control data byte
BB
: BandS.W. data byte
D1
: Divider data byte
D2
: Divider data byte
The information of 5 bytes necessary for circuit operation is chip
address and control data, bandS.W. data of 2 bytes and divider byte
of 2 bytes. After the chip address input, 2 or data of 4 bytes are
received.
Function bit is contained the first and the third data byte to
distinguish between divider data and control data, band data, and
"0" goes ahead of divider data, and "1" goes ahead of control data,
bandS.W. data.
Write mode format
Read mode format
Byte
MSB
LSB
Address Byte
11000
MA1
MA0
0
A
Devider Byte1
0
N14
N13
N12
N11
N10
N9
N8
A
Devider Byte2
N7
N6
N5
N4
N3
N2
N1
N0
A
Control Byte1
1
CP
T2
T1
T0
RSa
RSb
OS
A
Band SW Byte
XXXX
BS4
BS3
BS2
BS1
A
Byte
MSB
LSB
Address Byte
11000
MA1
MA0
1
A
Status Byte1
POR
FL
X
X
X
A2
A1
A0
A
ADDRESS
CA
0
ACK
DATA
ACK
DATA
ACK
1-7
8
9
1-7
8
9
1-7
8
9
SDA
SCL
S
STA
P
STO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com