Electronic Components Datasheet Search
  English  ▼

X  

MR2001R Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MR2001R
Description  76-77 GHz RF receiver front-end for W-band radar applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MR2001R Datasheet(HTML) 2 Page - NXP Semiconductors

  MR2001R Datasheet HTML 1Page - NXP Semiconductors MR2001R Datasheet HTML 2Page - NXP Semiconductors MR2001R Datasheet HTML 3Page - NXP Semiconductors MR2001R Datasheet HTML 4Page - NXP Semiconductors MR2001R Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NXP Semiconductors
2
MR2001R
Figure 2. MR2001R three-channel receiver block diagram
Table 1. Orderable part variations
Part number
Temperature (temp)
Package
Notes
MC33MR2001RVK
-40 °C to 125 °C
6.0 x 6.0 mm RCP (10 x 11 array) 0.5 mm pitch
(1)
Notes
1.
To order parts in Tape & Reel, add R2 to the suffix of the part number.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com