Electronic Components Datasheet Search
  English  ▼

X  

B4M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # B4M
Description  Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B4M Datasheet(HTML) 1 Page - Vishay Siliconix

  B4M Datasheet HTML 1Page - Vishay Siliconix B4M Datasheet HTML 2Page - Vishay Siliconix B4M Datasheet HTML 3Page - Vishay Siliconix B4M Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B2M, B4M, B6M
www.vishay.com
Vishay General Semiconductor
Revision: 15-Jul-2020
1
Document Number: 88898
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Glass Passivated Single-Phase Bridge Rectifiers
LINKS TO ADDITIONAL RESOURCES
FEATURES
• UL recognized, file number E54214
• Ideal for printed circuit boards
• Applicable for automative insertion
• Middle surge current capability
• Recommended for non-automotive applications
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for power supply, lighting ballaster, battery charger, home
appliances, office equipment, and telecommunication
applications.
MECHANICAL DATA
Case: MBM
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked on body
Note
(1) On glass epoxy PCB mounted on 0.05" x 0.05" (1.3 mm x 1.3 mm) pads
PRIMARY CHARACTERISTICS
IF(AV)
0.5 A
VRRM
200 V, 400 V, 600 V
IFSM
30 A
IR
5 μA
VF at IF = 0.5 A
1.0 V
TJ max.
150 °C
Package
MBM
Circuit configuration
Quad
~
~
Case Style MBM
~
~
333
DDD3 D
3D Models
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
B2M
B4M
B6M
UNIT
Device marking code
B2
B4
B6
Maximum repetitive peak reverse voltage
VRRM
200
400
600
V
Maximum RMS voltage
VRMS
140
280
420
V
Maximum DC blocking voltage
VDC
200
400
600
V
Maximum average forward output rectified current (fig. 1) on
glass-epoxy PCB
IF(AV)
0.5 (1)
A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
30
A
Rating for fusing (t < 8.3 ms)
I2t5.0
A2s
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - B4M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B4M VISHAY-B4M Datasheet
100Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
logo
Zibo Seno Electronic En...
B4M ZSELEC-B4M Datasheet
47Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
B4M-E3 VISHAY-B4M-E3 Datasheet
79Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
More results

Similar Description - B4M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF005MA VISHAY-DF005MA Datasheet
96Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
14-Jan-08
B2M VISHAY-B2M Datasheet
100Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
logo
Shenzhen Ping Sheng Ele...
MB2M PFS-MB2M Datasheet
425Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
DF005MA VISHAY-DF005MA_13 Datasheet
80Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
DFMA VISHAY-DFMA Datasheet
89Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
03-Sep-2020
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
03-Sep-2020
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
15-Jul-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com