Electronic Components Datasheet Search
  English  ▼

X  

B6M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # B6M
Description  Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B6M Datasheet(HTML) 3 Page - Vishay Siliconix

  B6M Datasheet HTML 1Page - Vishay Siliconix B6M Datasheet HTML 2Page - Vishay Siliconix B6M Datasheet HTML 3Page - Vishay Siliconix B6M Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B2M, B4M, B6M
www.vishay.com
Vishay General Semiconductor
Revision: 15-Jul-2020
3
Document Number: 88898
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Forward Voltage Characteristics Per Diode
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
0.5
0.7
0.9
1.1
1.3
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
20
40
60
80
100
0.01
0.1
1
10
100
90
70
50
30
10
1000
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
0.1
1
10
100
1
10
100
Reverse Voltage (V)
0.106 (2.70)
0.090 (2.30)
0.147 (3.73)
0.137 (3.48)
0.161 (4.10)
0.144 (3.65)
0.190 (4.83)
0.179 (4.55)
0.029 (0.74)
0.017 (0.43)
0.105 (2.67)
0.095 (2.41)
0.205 (5.21)
0.195 (4.95)
10° to 15°
0.028 (0.71)
0.020 (0.51)
0.016 (0.41)
0.006 (0.15)
0.148 (3.75)
0.132 (3.35)
0.049 (1.24)
0.039 (0.99)
Case Style MBM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com