Electronic Components Datasheet Search
  English  ▼

X  

BA980 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BA980
Description  RF PIN Diode - Single in QuadroMELF SOD-80
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA980 Datasheet(HTML) 2 Page - Vishay Siliconix

  BA980 Datasheet HTML 1Page - Vishay Siliconix BA980 Datasheet HTML 2Page - Vishay Siliconix BA980 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BA980
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 21-May-12
2
Document Number: 85636
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Forward Voltage
PACKAGE DIMENSIONS in millimeters (inches): QuadroMELF SOD-80
0
0.4
0.8
1.2
1.6
0.01
0.1
1
10
100
2.0
95 9735
VF - Forward Voltage (V)
Tamb = 25 °C
Scattering Limit
96 12071
Cathode identification
1.25 (0.049) min.
3.7 (0.146)
3.3 (0.130)
0.47 (0.019) max.
2.5 (0.098) max.
5 (0.197) ref.
Foot print recommendation:
> R3 (R0.118)
glass
The gap between plug and glass can
be either on cathode or anode side



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com