Electronic Components Datasheet Search
  English  ▼

X  

BAT81S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT81S
Description  Small Signal Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT81S Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT81S Datasheet HTML 1Page - Vishay Siliconix BAT81S Datasheet HTML 2Page - Vishay Siliconix BAT81S Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT81S, BAT82S, BAT83S
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 04-Apr-17
2
Document Number: 85512
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Max. Reverse Power Dissipation vs.
Junction Temperature
Fig. 2 - Reverse Current vs. Junction Temperature
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Diode Capacitance vs. Reverse Voltage
PACKAGE DIMENSIONS in millimeters (inches): DO-35 (DO-204AH)
0
2
4
6
8
10
12
14
25
50
75
100
125
150
T
j - Junction Temperature (°C)
15794
V
R = 60 V
R
thJA = 540 K/W
PR
VR
- Limit at 100 %
P
R - Limit at 100 % VR
P
R - Limit at 80 % VR
0.1
100
1000
25
50
75
100
125
150
1
10
15795
VR = VRRM
Tj - Junction Temperature (°C)
0
0.5
1
1.5
2.0
VF - Forward Voltage (V)
15796
T
j = 25 °C
T
j = 125 °C
0.1
1
10
100
1000
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
V
R - Reverse Voltage (V)
15797
f = 1 MHz
94 9366
Rev. 6 - Date: 19. December 2011
Document no.: SB-V-3906.04-031(4)
26 min. [1.024]
3.9 max. [0.154]
26 min. [1.024]
Cathode Identification
3.1 min. [0.120]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com