Electronic Components Datasheet Search
  English  ▼

X  

BU1208 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BU1208
Description  Enhanced isoCink™ Bridge Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU1208 Datasheet(HTML) 4 Page - Vishay Siliconix

  BU1208 Datasheet HTML 1Page - Vishay Siliconix BU1208 Datasheet HTML 2Page - Vishay Siliconix BU1208 Datasheet HTML 3Page - Vishay Siliconix BU1208 Datasheet HTML 4Page - Vishay Siliconix BU1208 Datasheet HTML 5Page - Vishay Siliconix BU1208 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BU1206, BU1208, BU1210
www.vishay.com
Vishay General Semiconductor
End of Life BU-5S lead forming "August 2021"
Revision: 01-Mar-2021
4
Document Number: 84802
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
+
-
~~
Case Type BU
0.880 (22.3)
0.860 (21.8)
0.160 (4.1)
0.140 (3.5)
0.075
(1.9) R
0.125 (3.2) x 45°
Chamfer
0.080 (2.03)
0.060 (1.52)
0.050 (1.27)
0.040 (1.02)
0.190 (4.83)
0.210 (5.33)
0.080 (2.03)
0.065 (1.65)
0.100 (2.54)
0.085 (2.16)
0.085 (2.16)
0.065 (1.65)
0.310 (7.9)
0.290 (7.4)
0.020R (TYP.)
Polarity shown on front side of case, positive lead beveled corner
0.64 (16.28) REF.
0.62 (15.78) REF.
0.055 (1.385) REF.
R 0.10
(2.60) REF.
R 0.11
(2.78) REF.
0.094 (2.39) x 45° REF.
0.055 (1.385) REF.
0.161 (4.10)
0.142 (3.60)
0.710 (18.0)
0.690 (17.5)
0.028 (0.72)
0.020 (0.52)
0.740 (18.8)
0.720 (18.3)
View A
0.048 (1.23)
0.039 (1.00)
5°
TYP.
9°
TYP.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com