Electronic Components Datasheet Search
  English  ▼

X  

BU2008 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BU2008
Description  Enhanced isoCink™ Bridge Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU2008 Datasheet(HTML) 3 Page - Vishay Siliconix

  BU2008 Datasheet HTML 1Page - Vishay Siliconix BU2008 Datasheet HTML 2Page - Vishay Siliconix BU2008 Datasheet HTML 3Page - Vishay Siliconix BU2008 Datasheet HTML 4Page - Vishay Siliconix BU2008 Datasheet HTML 5Page - Vishay Siliconix BU2008 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BU2006, BU2008, BU2010
www.vishay.com
Vishay General Semiconductor
End of Life BU-5S lead forming "August 2021"
Revision: 01-Mar-2021
3
Document Number: 84804
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise specified)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Forward Current Derating Curve
Fig. 3 - Forward Power Dissipation
Fig. 4 - Typical Forward Characteristics Per Diode
Fig. 5 - Typical Reverse Characteristics Per Diode
Fig. 6 - Typical Junction Capacitance Per Diode
0
50
100
150
0
4
12
16
20
24
Case Temperature (°C)
8
25
75
125
With Heatsink
Sine-Wave, R-Load
T
C Measured at Device Bottom
T
C
T
C
0
1
2
3
5
Ambient Temperature (°C)
0
50
25
75
100
125
150
4
Without Heatsink
Sine-Wave, R-Load
Free Air, T
A
0
4
8
12162024
0
10
20
30
40
50
Average Forward Current (A)
0.3
1.1
0.01
10
0.1
1
100
0.5
0.7
0.9
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
1.0
0.4
0.6
0.8
1000
20
10
60
40
30
50
70
90
100
80
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.1
1
10
100
10
1000
Reverse Voltage (V)
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com