Electronic Components Datasheet Search
  English  ▼

X  

G2SB20 Datasheet(PDF) 21 Page - Vishay Siliconix

Part # G2SB20
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

G2SB20 Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button G2SB20 Datasheet HTML 17Page - Vishay Siliconix G2SB20 Datasheet HTML 18Page - Vishay Siliconix G2SB20 Datasheet HTML 19Page - Vishay Siliconix G2SB20 Datasheet HTML 20Page - Vishay Siliconix G2SB20 Datasheet HTML 21Page - Vishay Siliconix G2SB20 Datasheet HTML 22Page - Vishay Siliconix G2SB20 Datasheet HTML 23Page - Vishay Siliconix G2SB20 Datasheet HTML 24Page - Vishay Siliconix G2SB20 Datasheet HTML 25Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
Rectifiers for Power Factor Correction (PFC)
Application Note
www.vishay.com
Vishay General Semiconductor
Revision: 15-Nov-16
3
Document Number: 88868
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HOW A STANDARD PFC CIRCUIT WORKS
Fig. 4. shows the typical topology of a PFC pre-stage that is
built of a standard boost converter driven by a control IC. It
is important that at the output of the Rectifier BR1 there will
be no ”large” smoothing capacitor with several μF
connected, because that would eliminate all efforts of the
PFC circuit, although it would operate sufficiently. The input
voltage of the PFC is a rectified DC voltage pulsed with
double line frequency. The shown switch is usually
implemented by an IGBT or Power-MOS transistor.
Operation principle:
The instantaneous value of the current through the boost
inductor has to be adapted as well as possible to the
instantaneous value of the line voltage through suitable
pulse-width modulation of the transistor switch T. The actual
inductor current can be won by the voltage drop at R3. The
input voltage can be found at the voltage divider R1, R2. The
current amplitude will be regulated on the value of the
output voltage, R4, R5.
To be able to control the current through the boost inductor,
the output voltage of the PFC has to be higher at every
moment of operation than the crest of the line input voltage.
For 230 V mains the DC output should be about 400 V. A
large capacitor at the output does not affect the power
factor, but is good for smoothing the DC voltage.
An additional advantage of PFC circuit is the regulated DC
voltage that gives the opportunity of having a following
SMPS to be wide range operated (e.g. 110 V to 230 V input
voltage).
ADVANTAGES OF CIRCUITS WITH PFC
• The use of PFC allows the manufacturer of electrical load to use smaller, more cost-effective mains rectifiers because of
smaller RMS current with PFC.
• Offers a stable regulated output voltage which is the input voltage for the following electrical load. Indeed the PFC makes it
a system based wide-range power supply itself.
• The following electrical load (SMPS, electronic ballast unit or other electrical load) can be much simpler, which is also a cost
saving factor.
Vishay General Semiconductor recommends the use of their ultrafast rectifier series of PFC rectifier.
RECOMMENDED REVERSE VOLTAGES FOR MOST USED LINE VOLTAGE LEVELS
VLINE RMS
(V)
VRRM
(V)
110
400
120
400
230
600
277
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com