Electronic Components Datasheet Search
  English  ▼

X  

DF1510S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DF1510S
Description  Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DF1510S Datasheet(HTML) 2 Page - Vishay Siliconix

  DF1510S Datasheet HTML 1Page - Vishay Siliconix DF1510S Datasheet HTML 2Page - Vishay Siliconix DF1510S Datasheet HTML 3Page - Vishay Siliconix DF1510S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DF15005S, DF1501S, DF1502S, DF1504S, DF1506S, DF1508S, DF1510S
www.vishay.com
Vishay General Semiconductor
Revision: 09-Jul-2020
2
Document Number: 88570
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 V
Note
(1) Units mounted on PCB with 0.51" x 0.51" (13 mm x 13 mm) copper pads
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS SYMBOL DF15005S DF1501S DF1502S DF1504S DF1506S DF1508S DF1510S UNIT
Maximum
instantaneous
forward voltage
drop per diode
1.5 A
VF
1.1
V
Maximum DC
reverse current at
rated DC blocking
voltage per diode
TA = 25 °C
IR
5.0
μA
TA = 125 °C
500
Typical junction
capacitance per
diode (1)
CJ
25
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
DF15005S DF1501S DF1502S
DF1504S DF1506S
DF1508S
DF1510S
UNIT
Typical thermal resistance (1)
RJA
40
°C/W
RJL
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
DF1506S-E3/45
0.399
45
50
Tube
DF1506S-E3/77
0.399
77
1500
13" diameter paper tape and reel
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
P.C.B. Mounted on
0.51 x 0.51" (13 x 13 mm)
Copper Pads
60 Hz
Resistive or
Inductive Load
Ambient Temperature (°C)
1
10
100
0
10
20
30
40
50
60
T
J = 150 °C
Single Sine-Wave
Number of Cycles at 60 Hz
1.0 Cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com