Electronic Components Datasheet Search
  English  ▼

X  

G2SB60 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # G2SB60
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

G2SB60 Datasheet(HTML) 4 Page - Vishay Siliconix

  G2SB60 Datasheet HTML 1Page - Vishay Siliconix G2SB60 Datasheet HTML 2Page - Vishay Siliconix G2SB60 Datasheet HTML 3Page - Vishay Siliconix G2SB60 Datasheet HTML 4Page - Vishay Siliconix G2SB60 Datasheet HTML 5Page - Vishay Siliconix G2SB60 Datasheet HTML 6Page - Vishay Siliconix G2SB60 Datasheet HTML 7Page - Vishay Siliconix G2SB60 Datasheet HTML 8Page - Vishay Siliconix G2SB60 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
VISH AY GEN E RAL SE MIC O NDUCTORS
Diodes and Rectifiers
Application Note
SUPERECTIFIER® Design Brings New Level of
Reliability to Surface Mount Components
www.vishay.com
Revision: 15-Nov-16
1
Document Number: 88841
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
By Joseph M. Beck
Surface Mount technology is here to stay. After years of
plodding
through
cautious
experimentation,
many
manufacturers now have fully automated production lines in
place. These production lines place circuit components at
speeds that until recently would have been unthinkable.
Finally being realized are the benefits of what was once
considered
a
“Voo
Doo”
manufacturing
technology.
Component manufacturers have learned a great deal over
the past several years as well. Initially most surface mount
components were nothing more than retrofit, lead formed
versions
of
their
conventional
leaded,
through-hole
counterparts. For most manufacturers this was the quickest
and least costly method of “developing” a line of surface
mountable components.
It was soon discovered, however, that this approach to
component assembly would be unacceptable. Surface
mount technology placed new demands upon circuit
components. Electrically, the same power was being
required from smaller and smaller packages. Package
geometries and dimensions became critical in relation to
pick and place equipment and circuit board mounting. In
addition, the construction of these devices needed to be
such that they would suffer no ill effects when subjected to
the rigors of the new assembly environment that surface
mount
technology
presented.
Encountered
in
this
environment was extremely high-speed pick and place
equipment, component adhesive attachment, immersion in
molten solder and rapid temperature changes associated
with reflow soldering processes. All this meant that
component manufacturers would have to re-think their
approach to device fabrication. Yes, components needed to
be smaller; but they also needed to be more reliable.
At Vishay General Semiconductor, the development of new
surface mount components is not something that is taken
lightly. It is realized that in order to produce a truly reliable
surface mount product one must first consider all relevant
aspects of the technology. Only when this process has been
completed can a product be developed which is surface
mountable, and inherently reliable.
SURFACE MOUNT SUPERECTIFIER®
Vishay
General
Semiconductor
manufactures
surface
mount
rectifiers
in
the
popular
MELF
(metalized
electro-face) package style. These devices, denoted as
SUPERECTIFIERS, are available with a wide variety of electrical
characteristics. The main difference, however, between
these rectifiers and other MELF style devices lies in the area
of
device
construction.
Fig.
1.
shows
the
unique
construction
employed
in
the
manufacture
of
the
Superectifier.
Fig. 1 - SUPERECTIFIER Construction
The construction of the Superectifier does not internally
utilize any soft solders. All interconnects are accomplished
by the use of a high temperature brazing process (600 °C).
Hence, any chances of solder void occurrence or internal
solder reflow during circuit board processing are eliminated.
In addition, the silicon rectifier junction is completely
encapsulated
by
a
cavity-free
glass.
This
glass
encapsulation
ensures
that
the
rectifier
junction
is
hermetically isolated from humidity and other harmful
environmental intrusions.
The resultant sub-assembly could be considered to be a
fully functional surface mount rectifier. In fact, many
component manufacturers offer MELF devices which have
this appearance; namely, an oblong glass bead with two
protruding metal end terminations. However, in order that
the
device
have
a
uniform
shape,
the
General
Semiconductor sub-assembly is over molded with epoxy.
The result is a smooth, perfectly cylindrical package.
TWO SIZES
Two different size Superectifier MELF packages are
available. Vishay General Semiconductor designation GL34
and GL41 are for 0.5 A and 1.0 A rectifier types, respectively.
JEDEC®
mechanical
specifications
DO-213AA
and
DO-213AB detail the dimensions of the GL34 and GL41,
respectively. Fig. 2 gives these package dimensions.
Completely encapsulated
brazed construction
Solderable
copper ends
UL recognized
flame retardant
molding compound
(UL 94 V-0)
Cavity-free
opague
glass-passivated
junction
Solderable
copper ends
Solid brazing, low resistance,
excellent surge capabilities
(brazed-temperature) 600 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com