Electronic Components Datasheet Search
  English  ▼

X  

1472501 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1472501
Description  Electric actuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1472501 Datasheet(HTML) 1 Page - Festo Corporation.

  1472501 Datasheet HTML 1Page - Festo Corporation. 1472501 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electric actuator
EPCO-40-50-5P-ST-E
Part number: 1472501
Data sheet
Feature
Value
Size
40
Stroke
50 mm
Stroke reserve
0 mm
Piston rod thread
M10x1.25
Reversing backlash
100 µm
Step angle with full step
1.8 deg
Step angle tolerance
±5%
Screw diameter
12 mm
Spindle pitch
5 mm/U
Max. angle of rotation of the piston rod +/-
1 deg
Mounting position
Any
Piston rod end
External thread
Motor type
Stepper motor
Structural design
Electric actuator
with ball screw drive
Spindle type
Ball screw drive
Protection against torsion/guide
With plain-bearing guide
Rotor position sensor
Incremental encoder
Rotor position sensor interface
RS422 TTL A/B channels + zero index
Rotor position sensor measuring principle
Optical
Max. acceleration
10 m/s²
Max. speed
0.18 m/s
Repetition accuracy
±0.02 mm
Duty cycle
100%
Insulation protection class
B
Nominal operating voltage DC
24 V
Motor nominal current
4.2 A
Certification
RCM compliance mark
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Corrosion resistance class (CRC)
1 - Low corrosion stress
Storage temperature
-20 °C ... 60 °C
Relative air humidity
0 - 85 %
Non-condensing
Degree of protection
IP40
Ambient temperature
0 °C ... 50 °C
5/16/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 1472501

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1472503 FESTO-1472503 Datasheet
80Kb / 2P
Electric actuator
5/16/22
1472505 FESTO-1472505 Datasheet
80Kb / 2P
Electric actuator
5/16/22
1472507 FESTO-1472507 Datasheet
80Kb / 2P
Electric actuator
5/16/22
1472509 FESTO-1472509 Datasheet
81Kb / 2P
Electric actuator
5/16/22
More results

Similar Description - 1472501

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1347391 FESTO-1347391 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574095 FESTO-574095 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574099 FESTO-574099 Datasheet
92Kb / 2P
Electric actuator
5/8/22
574120 FESTO-574120 Datasheet
91Kb / 2P
Electric actuator
5/8/22
574125 FESTO-574125 Datasheet
91Kb / 2P
Electric actuator
5/8/22
1347393 FESTO-1347393 Datasheet
91Kb / 2P
Electric actuator
5/8/22
2215386 FESTO-2215386 Datasheet
91Kb / 2P
Electric actuator
5/8/22
2295383 FESTO-2295383 Datasheet
85Kb / 2P
Electric actuator
5/8/22
8022564 FESTO-8022564 Datasheet
92Kb / 2P
Electric actuator
5/8/22
8022565 FESTO-8022565 Datasheet
91Kb / 2P
Electric actuator
5/8/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com