Electronic Components Datasheet Search
  English  ▼

X  

PL133-47 Datasheet(PDF) 5 Page - Microchip Technology

Part # PL133-47
Description  Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-47 Datasheet(HTML) 5 Page - Microchip Technology

  PL133-47 Datasheet HTML 1Page - Microchip Technology PL133-47 Datasheet HTML 2Page - Microchip Technology PL133-47 Datasheet HTML 3Page - Microchip Technology PL133-47 Datasheet HTML 4Page - Microchip Technology PL133-47 Datasheet HTML 5Page - Microchip Technology PL133-47 Datasheet HTML 6Page - Microchip Technology PL133-47 Datasheet HTML 7Page - Microchip Technology PL133-47 Datasheet HTML 8Page - Microchip Technology PL133-47 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006670A-page 5
PL133-47
2.0
PIN DESCRIPTIONS
FIGURE 2-1:
Pin Configuration, 8-Lead SOIC Package.
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number P8in Name
Type
Description
1, 2
VDD
P
Input reference frequency
3
REF
I
Buffered clock output
4
GND
P
Buffered clock output
5
CLK0
O
Buffered clock output
6
CLK1
O
Buffered clock output
7
CLK2
O
VDD connection
8
CLK3
O
GND connection
VDD
VDD
CLK3
CLK2
CLK1
CLK0
5
6
7
8
4
3
2
1
GND
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com