Electronic Components Datasheet Search
  English  ▼

X  

PL133-97 Datasheet(PDF) 5 Page - Microchip Technology

Part # PL133-97
Description  Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-97 Datasheet(HTML) 5 Page - Microchip Technology

  PL133-97 Datasheet HTML 1Page - Microchip Technology PL133-97 Datasheet HTML 2Page - Microchip Technology PL133-97 Datasheet HTML 3Page - Microchip Technology PL133-97 Datasheet HTML 4Page - Microchip Technology PL133-97 Datasheet HTML 5Page - Microchip Technology PL133-97 Datasheet HTML 6Page - Microchip Technology PL133-97 Datasheet HTML 7Page - Microchip Technology PL133-97 Datasheet HTML 8Page - Microchip Technology PL133-97 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006672A-page 5
PL133-97
2.0
PIN DESCRIPTIONS
FIGURE 2-1:
Pin Configuration, 16-Lead QFN Package.
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number P8in Name
Type
Description
15
REF
I
Input reference frequency
1
CLK1
O
Buffered clock output
4
CLK2
O
Buffered clock output
5
CLK3
O
Buffered clock output
8
CLK4
O
Buffered clock output
9
CLK5
O
Buffered clock output
12
CLK6
O
Buffered clock output
13
CLK7
O
Buffered clock output
14
CLK8
O
Buffered clock output, free running, does not disable with OE
16
CLK9
O
Buffered clock output
2, 11
VDD
P
VDD connection
3, 7, 10
GND
P
GND connection
6
OE
I
Output enable control input with 130 kΩ pull-up
ePAD
—
—
Center Pad for thermal relief. Connect to GND
CLK4
OE
CLK3
GND
CLK8
CLK7
REF
12
3
4
8
7
6
5
12
11
10
9
13
14
15
16
CLK9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com