Electronic Components Datasheet Search
  English  ▼

X  

8118280 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8118280
Description  Electric cylinder unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8118280 Datasheet(HTML) 1 Page - Festo Corporation.

  8118280 Datasheet HTML 1Page - Festo Corporation. 8118280 Datasheet HTML 2Page - Festo Corporation. 8118280 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electric cylinder unit
EPCS-BS-45-300-3P-A-ST-M-H1-PLK-AA
Part number: 8118280
Data sheet
Feature
Value
Size
45
Stroke
300 mm
Stroke reserve
0 mm
Piston rod thread
M10x1.25
Reversing backlash
100 µm
Screw diameter
10 mm
Spindle pitch
3 mm/U
Max. angle of rotation of the piston rod +/-
1 deg
Mounting position
Any
Piston rod end
External thread
Motor type
Stepper motor
Structural design
Electric actuator
with ball screw drive
With integrated drive
Spindle type
Ball screw drive
Symbol
00997294
Protection against torsion/guide
With plain-bearing guide
Homing
Fixed stop block positive
Fixed stop block, negative
Reference switch
Rotor position sensor
Absolute encoder, single-turn
Rotor position sensor measuring principle
Magnetic
Additional functions
User interface
Integrated end-position sensing
Display
LED
Ready status indication
LED
Max. acceleration
1.5 m/s²
Max. speed
0.074 m/s
Repetition accuracy
±0.02 mm
Characteristics of digital logic outputs
Configurable
Not galvanically isolated
Duty cycle
100%
Insulation protection class
B
Max. current of digital logic outputs
100 mA
Max. current consumption
3000 mA
DC nominal voltage
24 V
Nominal current
3 A
5/17/22 - Subject to change - Festo SE & Co. KG
1/3


Similar Part No. - 8118280

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8118281 FESTO-8118281 Datasheet
99Kb / 3P
Electric cylinder unit
5/16/22
8118282 FESTO-8118282 Datasheet
101Kb / 3P
Electric cylinder unit
5/16/22
8118283 FESTO-8118283 Datasheet
100Kb / 3P
Electric cylinder unit
5/17/22
8118284 FESTO-8118284 Datasheet
100Kb / 3P
Electric cylinder unit
5/17/22
8118285 FESTO-8118285 Datasheet
98Kb / 3P
Electric cylinder unit
5/17/22
More results

Similar Description - 8118280

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8101540 FESTO-8101540 Datasheet
101Kb / 3P
Electric cylinder unit
5/16/22
8101541 FESTO-8101541 Datasheet
102Kb / 3P
Electric cylinder unit
5/16/22
8101542 FESTO-8101542 Datasheet
101Kb / 3P
Electric cylinder unit
5/16/22
8102166 FESTO-8102166 Datasheet
102Kb / 3P
Electric cylinder unit
5/16/22
8102171 FESTO-8102171 Datasheet
102Kb / 3P
Electric cylinder unit
5/16/22
8118276 FESTO-8118276 Datasheet
102Kb / 3P
Electric cylinder unit
5/16/22
8118278 FESTO-8118278 Datasheet
101Kb / 3P
Electric cylinder unit
5/17/22
8118281 FESTO-8118281 Datasheet
99Kb / 3P
Electric cylinder unit
5/16/22
8118283 FESTO-8118283 Datasheet
100Kb / 3P
Electric cylinder unit
5/17/22
8118286 FESTO-8118286 Datasheet
97Kb / 3P
Electric cylinder unit
5/17/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com