| Electronic Components Datasheet Search |
|
MIMXRT406LCVN4A Datasheet(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MIMXRT406LCVN4A Datasheet(HTML) 3 Page - NXP Semiconductors |
|
3 / 72 page ![]() i.MX RT1015 introduction i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 3.1, 03/2022 NXP Semiconductors 3 – Each support standard capture and compare operation – Quadrature decoder integrated — One FlexPWM – Up to 8 individual PWM channels – 16-bit resolution PWM suitable for Motor Control applications — One Quadrature Encoder/Decoder Each i.MX RT1015 processor enables the following interfaces to external devices (some of them are multiplexed and not available simultaneously): • Audio: — S/PDIF input and output — Three synchronous audio interface (SAI) modules supporting I2S, AC97, TDM, and codec/DSP interfaces — MQS interface for medium quality audio via GPIO pads • Connectivity: — One USB 2.0 OTG controller with integrated PHY interface — Four universal asynchronous receiver/transmitter (UARTs) modules — Two I2C modules — Two SPI modules • GPIO and Pin Multiplexing: — General-purpose input/output (GPIO) modules with interrupt capability — Input/output multiplexing controller (IOMUXC) to provide centralized pad control — 57 GPIOs — One FlexIO The i.MX RT1015 processors integrate advanced power management unit and controllers: • Full PMIC integration, including on-chip DCDC and LDOs • Temperature sensor with programmable trip points • GPC hardware power management controller The i.MX RT1015 processors support the following system debug: • Arm CortexM7 CoreSight debug and trace architecture • Trace Port Interface Unit (TPIU) to support off-chip real-time trace • Support for 5-pin (JTAG) and SWD debug interfaces selected by eFuse Security functions are enabled and accelerated by the following hardware: • High Assurance Boot (HAB) • Data Co-Processor (DCP): — AES-128, ECB, and CBC mode — SHA-1 and SHA-256 — CRC-32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |