Electronic Components Datasheet Search
  English  ▼

X  

9999SC2 Datasheet(PDF) 1 Page - Schneider Electric

Part # 9999SC2
Description  Hand Off Auto selector switch kit, NEMA 1, for contactors and starters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

9999SC2 Datasheet(HTML) 1 Page - Schneider Electric

  9999SC2 Datasheet HTML 1Page - Schneider Electric 9999SC2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Hand Off Auto selector switch kit,
NEMA 1, for contactors and starters
9999SC2
Product availability : Stock - Normally stocked in distribution
facility
Price* : 116.00 USD
Main
Product Range
Type S
Component type
Selector switch
Used with
contactor
starter
Complementary
NEMA size
00
1
0
2
3
Marking
HAND-OFF-AUTO
Mounting Mode
Panel-mounted
Rated breaking capacity
3 A 120 V AC inductive control circuit UL 508
1.5 A 240 V AC inductive control circuit UL 508
0.6 A 600 V AC inductive control circuit UL 508
5 A 600 V AC resistive control circuit UL 508
Height
1.88 in (47.75 mm)
Width
3.81 in (96.77 mm)
Depth
5.63 in (143.00 mm)
Net Weight
0.51 lb(US) (0.23 kg)
Environment
NEMA Degree of Protection
NEMA 1
Product Certifications
UL Listed
UL Recognized
CSA
Ordering and shipping details
Category
21761-9999 DISCOUNT CP1
Discount Schedule
CP1
GTIN
785901783008
Nbr. of units in pkg.
1
Package weight(Lbs)
6.72 oz (190.5 g)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 19, 2022
1


Similar Part No. - 9999SC2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
9999SC22 SCHNEIDER-9999SC22 Datasheet
80Kb / 2P
NEMA Motor Starter and contactor, Type S, on/off selector switch kit, NEMA 1
May 19, 2022
More results

Similar Description - 9999SC2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
TeSys??IEC-Style Contactors and Starters
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
TeSys짰 IEC Contactors and Starters
LC1D18F7 ETC2-LC1D18F7 Datasheet
13Mb / 252P
TeSys??IEC-Style Contactors and Starters
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
NEMA Contactors & Starters Freedom
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
NEMA Contactors & Starters 33-79
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
IEC Contactors & Starters
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
9999SA3 SCHNEIDER-9999SA3 Datasheet
101Kb / 2P
Start Stop or On Off push button kit, NEMA 1/3R/12, for contactors and starters
May 19, 2022
9999SC22 SCHNEIDER-9999SC22 Datasheet
80Kb / 2P
NEMA Motor Starter and contactor, Type S, on/off selector switch kit, NEMA 1
May 19, 2022
9999SC8 SCHNEIDER-9999SC8 Datasheet
92Kb / 2P
Hand Off Auto selector switch kit, NEMA 1/3R/12, for contactors and starters
May 19, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com