Electronic Components Datasheet Search
  English  ▼

X  

9999SC8 Datasheet(PDF) 2 Page - Schneider Electric

Part # 9999SC8
Description  Hand Off Auto selector switch kit, NEMA 1/3R/12, for contactors and starters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

9999SC8 Datasheet(HTML) 2 Page - Schneider Electric

  9999SC8 Datasheet HTML 1Page - Schneider Electric 9999SC8 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nbr. of units in pkg.
1
Package weight(Lbs)
12.96 oz (367.4 g)
Returnability
Yes
Country of origin
MX
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.31 in (8.4 cm)
Package 1 width
4.41 in (11.2 cm)
Package 1 Length
6.42 in (16.3 cm)
Offer Sustainability
California proposition 65
WARNING: Cancer and Reproductive Harm - www.P65Warnings.ca.gov
EU RoHS Directive
Under investigation
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Contractual warranty
Warranty
18 months
2
May 19, 2022



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com