Electronic Components Datasheet Search
  English  ▼

X  

3240513 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3240513
Description  RVT-AL/ST 4/6
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3240513 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3240513 Datasheet HTML 1Page - PHOENIX CONTACT 3240513 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 2
http://www.phoenixcon.com
May 9, 2011
Extract from the online
catalog
 
RVT-AL/ST 4/6
Order No.: 3240513
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3240513
 
 
Blind rivets, Ø 4.0 mm, 6 mm sleeve length, aluminum sleeve, zinc-
plated steel pin, flat head, standard version similar to DIN 7337 A
 
Commercial data
GTIN (EAN)
4
046356
527439
Note
Made-to-order
sales group
B290
Pack
500 pcs.
Customs tariff
73182300
Catalog page information
Page 94 (NTK-2010)
Product notes
WEEE/RoHS-compliant since:
09/08/2009
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Hole diameter
4.1 mm


Similar Part No. - 3240513

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
324051 MACOM-324051 Datasheet
153Kb / 6P
Standard Terminals and Splices
logo
ERNI Electronics
324051 ERNI-324051 Datasheet
91Kb / 1P
M 2,54 DRC-B, 20-polig
logo
PHOENIX CONTACT
3240512 PHOENIX-3240512 Datasheet
52Kb / 2P
Blind rivet - RVT-AL/ST 3,2/12
09/12/2020
More results

Similar Description - 3240513

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212478 PHOENIX-1212478 Datasheet
47Kb / 2P
Tool - UNIFOX-RVT P 4
1212509 PHOENIX-1212509 Datasheet
47Kb / 2P
Tool - UNIFOX-RVT P 6
3031487 PHOENIX-3031487 Datasheet
171Kb / 6P
ST 6
3030860 PHOENIX-3030860 Datasheet
67Kb / 2P
RB ST 6-(2,5/4)
1804946 PHOENIX-1804946 Datasheet
160Kb / 6P
PC 4/ 6-ST-7,62
3240521 PHOENIX-3240521 Datasheet
52Kb / 2P
Blind rivet - RVT-AL/ST 4,8/12
09/12/2020
3240499 PHOENIX-3240499 Datasheet
71Kb / 3P
RVT-PA 6
May 9, 2011
3240512 PHOENIX-3240512 Datasheet
52Kb / 2P
Blind rivet - RVT-AL/ST 3,2/12
09/12/2020
1913523 PHOENIX-1913523 Datasheet
591Kb / 13P
PCB connector - PC 6/ 4-ST-10,16
Jul 21, 2022
1149085 PHOENIX-1149085 Datasheet
467Kb / 14P
PC 6/ 4-ST-7,62 - PCB connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com