Electronic Components Datasheet Search
  English  ▼

X  

5145339 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5145339
Description  THERMOMARK S1.1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5145339 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5145339 Datasheet HTML 1Page - PHOENIX CONTACT 5145339 Datasheet HTML 2Page - PHOENIX CONTACT 5145339 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Feb 10, 2011
Extract from the online
catalog
 
THERMOMARK S1.1
Order No.: 5146257
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=5146257
 
 
Thermal transfer printer, Weight: 2 kg, Length: 250 mm, Width: 230
mm, Height: 170 mm, Color: gray
 
Commercial data
GTIN (EAN)
4
046356
485692
sales group
B020
Pack
1 pcs.
Customs tariff
84433210
Catalog page information
Page 606 (CL-2009)
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Accessories
Item
Designation
Description
General
5145355
THERMOMARK S1-CASE
Transport case for THERMOMARK S1 thermal transfer printer,
rounded profile case with aluminum frame
5145339
THERMOMARK S1-CUTTER
Cutter, for the THERMOMARK S1
5146354
THERMOMARK S1.1-KIT
5145342
THERMOMARK-ERH 200
External media hub, for the THERMOMARK S1, for maximum
media outer diameter up to 200 mm
5145384
THERMOMARK-RIBBON 110
Ink ribbon, length: 300 m, width: 110 mm ink color: Black
5145397
THERMOMARK-RIBBON 110-
WMS
Ribbon sheet, length: 300 m, width: 110 mm, printing color: Black
(specially for shrinking sleeves)


Similar Part No. - 5145339

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
More results

Similar Description - 5145339

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5146464 PHOENIX-5146464 Datasheet
6Mb / 76P
THERMOMARK LINE
0830677 PHOENIX-0830677 Datasheet
57Kb / 3P
Cable marker label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type: adhesive, cable diameter: ??6 mm, lettering field size: 13 x 13 mm
0830678 PHOENIX-0830678 Datasheet
57Kb / 3P
Cable marker label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type: adhesive, cable diameter: ??14 mm, lettering field size: 25 x 19 mm
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
Case - THERMOMARK GO CASE
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
Thermal transfer printer - THERMOMARK GO
1184146 PHOENIX-1184146 Datasheet
207Kb / 15P
Thermal transfer printer - THERMOMARK GO.K
09/12/2020
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
5145371 PHOENIX-5145371 Datasheet
47Kb / 2P
Accessories - THERMOMARK-CP
09/12/2020
5146147 PHOENIX-5146147 Datasheet
77Kb / 3P
THERMOMARK W2
Feb 10, 2011
5146231 PHOENIX-5146231 Datasheet
80Kb / 3P
THERMOMARK X1.2
Feb 10, 2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com