Electronic Components Datasheet Search
  English  ▼

X  

PB3510 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PB3510
Description  Enhanced isoCink™ Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PB3510 Datasheet(HTML) 2 Page - Vishay Siliconix

  PB3510 Datasheet HTML 1Page - Vishay Siliconix PB3510 Datasheet HTML 2Page - Vishay Siliconix PB3510 Datasheet HTML 3Page - Vishay Siliconix PB3510 Datasheet HTML 4Page - Vishay Siliconix PB3510 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PB3506, PB3508, PB3510
www.vishay.com
Vishay General Semiconductor
Revision: 25-Mar-2021
2
Document Number: 84807
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: 10 ms pulse width
Notes
(1) With 60 W air cooled heatsink
(2) Without heatsink, free air
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous forward
voltage per diode (1)
IF = 17.5 A
TA = 25 °C
VF
1.00
1.10
V
TA = 125 °C
0.90
1.00
Reverse current per diode (2)
rated VR
TA = 25 °C
IR
-10
μA
TA = 125 °C
115
500
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
105
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
PB3506
PB3508
PB3510
UNIT
Typical thermal resistance
RθJC
(1)
0.8
°C/W
RθJA
(2)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
PB3506-E3/45
7.49
45
20
Tube



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com