Electronic Components Datasheet Search
  English  ▼

X  

ALD1732ASAL Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1732ASAL
Description  PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1732ASAL Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1732ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD1732ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD1732ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD1732ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD1732ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD1732ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD1732ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD1732ASAL Datasheet HTML 8Page - Advanced Linear Devices ALD1732ASAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2014 Advanced Linear Devices, Inc., Vers. 2.0
www.aldinc.com
1 of 9
GENERAL DESCRIPTION
The ALD1732A/ALD1732 is a precision low-cost low-power monolithic
CMOS operational amplifier intended for a broad range of precision appli-
cations requiring exremely low input signal power. Input signal power is the
product of input offset voltage and input bias current, which represents the
minimum required power draw from the signal source in order to drive the
input of the operational amplifier. Input signal power is also a figure of merit
in source loading and its associated error, and is a measure of the basic
signal resolution possible through the operational amplifier for a given signal
source. For certain types of signal sources, signal loading directly translates
into a significant distortion or "interface noise equivalent" term.
Manufactured with Advanced Linear Devices' enhanced EPAD® silicon
gate CMOS process, the ALD1732A/ALD1732 is designed to set a new
standard in low input signal power requirements. The typical input loading
at its input is 0.03 mV offset voltage and 0.01 pA input bias current at 25C,
resulting in 0.0003 fW input signal power draw. This input characteristic
virtually eliminates any loading effects on most types of signal sources,
offering unparalled accuracy and signal integrity and fidelity. The
ALD1732A/ALD1732 is ideally suited for capacitive and high sensitivity,
high impedance signal sources. It is readily suited for +5V single supply (or
±2V to ±5V) systems, with low operating power dissipation, a traditional
strength of CMOS technology. It is offered with industry standard µA741 and
ICL7611 pin configurations.
The ALD1732A/ALD1732 can operate with rail to rail large signal input and
output voltages with relatively high slew rate. The input voltage can be equal
to or exceed the positive and negative supply voltages while the output
voltage can swing close to these supply voltage rails. This feature signifi-
cantly reduces the supply overhead voltage required to operate the opera-
tional amplifier and allows numerous analog serial stages to operate in a low
power supply environment. In addition, the device can accommodate mixed
applications where digital and analog circuits may operate off the same
power supply or battery. This device also features rail-to-rail input and
output voltage ranges, tolerance to over-voltage input spikes of 300mV
beyond supply rails, high open loop voltage gain, useful bandwidth of
1.5MHz, slew rate of 2.1V/µs, and low supply current of 0.8mA. Finally, the
output stage can typically drive up to 400pF capacitive loads in the unity gain
mode and up to 4000pF capacitive loads at a gain of 5.
These features make the ALD1732A/ALD1732 a versatile, high precision
operational amplifier that is user friendly and easy to use with virtually no
source loading and zero input-loading induced source errors. Additionally,
robust design and rigorous screening make this device especially suitable
for operation in temperature-extreme environments and rugged conditions.
FEATURES & BENEFITS
• Extremely low input offset voltages and
extremely low input bias currents
• Extremely low input signal power
• Robust high-temperature operation
• Industry standard pinout
• Rail-to-rail input/output
• Input bias current of 0.01pA at input
offset voltage of 30µV
• No external components
• No internal chopper clocking noise
• No chopper dynamic power dissipation
• Simple and cost effective
• Small package size
• Drive up to 4000pF load capacitance
• Low power dissipation
• Suitable for rugged, temperature-extreme
environments
APPLICATIONS
• Precision cable driver
• Sensor interface circuits
• Unity gain buffer amplifier
• Precision analog cable driver
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode
amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• System output level shifter
e
EPAD
TM
®
N A
B L
E D
E
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD1732A/ALD1732
ADVANCED
LINEAR
DEVICES, INC.
PIN CONFIGURATION
* I/C pins are internally connected. Do not connect externally.
TOP VIEW
SAL, PAL, SA, PA, DA PACKAGES
1
2
2
3
4
8
7
6
5
I/C
-IN
+IN
I/C
OUT
N/C
V-
V+
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to +125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD1732ASAL
ALD1732APAL
ALD1732SAL
ALD1732PAL
ALD1732ASA
ALD1732APA
ALD1732ADA
ALD1732SA
ALD1732PA
ALD1732DA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))


Similar Part No. - ALD1732ASAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1731 ALD-ALD1731 Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731ADA ALD-ALD1731ADA Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731APAL ALD-ALD1731APAL Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731ASA ALD-ALD1731ASA Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD1732ASAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
Low Power CMOS Operational Amplifier
logo
STMicroelectronics
TS27L4C STMICROELECTRONICS-TS27L4C Datasheet
137Kb / 9P
PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
Jun-2003
logo
Analog Devices
PM1012 AD-PM1012 Datasheet
75Kb / 4P
Low Power Precision Operational Amplifier
REV.C
logo
Burr-Brown (TI)
OPA21 BURR-BROWN-OPA21 Datasheet
300Kb / 6P
Low-Power Precision OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
Low Power CMOS Operational Amplifier
logo
Texas Instruments
OPA211 TI1-OPA211_15 Datasheet
1Mb / 45P
Low Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP_16 Datasheet
1Mb / 32P
Low-Power, Precision Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD1722 ALD-ALD1722 Datasheet
112Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
logo
ADL Embedded Solutions
ALD1722 ADL-ALD1722 Datasheet
100Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com