Electronic Components Datasheet Search
  English  ▼

X  

ALD210800ASCL Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD210800ASCL
Description  PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD210800ASCL Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD210800ASCL Datasheet HTML 1Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 2Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 3Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 4Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 5Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 6Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 7Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 8Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2019 Advanced Linear Devices, Inc., Vers. 1.3
www.aldinc.com
1 of 12
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
The ALD210800A/ALD210800 precision N-Channel EPAD
® MOSFET array is
precision matched at the factory using ALD’s proven EPAD
® CMOS technology.
These quad monolithic devices are enhanced additions to the ALD110800A/
ALD110800 EPAD
® MOSFET Family, with increased forward transconductance
and output conductance, particularly at very low supply voltages.
Intended for low voltage, low power small signal applications, the ALD210800A/
ALD210800 features Zero-Threshold™ voltage, which enables circuit designs
with input/output signals referenced to GND at enhanced operating voltage
ranges. With these devices, a circuit with multiple cascading stages can be
built to operate at extremely low supply/bias voltage levels. For example, a
nanopower input amplifier stage operating at less than 0.2V supply voltage has
been successfully built with these devices.
ALD210800A EPAD MOSFETs feature exceptional matched pair device electri-
cal characteristics of Gate Threshold Voltage VGS(th) set precisely at 0.00V
+0.01V, IDS = +10µA @ VDS = 0.1V, with a typical offset voltage of only +0.001V
(1mV). Built on a single monolithic chip, they also exhibit excellent temperature
tracking characteristics. These precision devices are versatile as design com-
ponents for a broad range of analog small signal applications such as basic
building blocks for current mirrors, matching circuits, current sources, differen-
tial amplifier input stages, transmission gates, and multiplexers. They also ex-
cel in limited operating voltage applications, such as very low level voltage-
clamps and nano-power normally-on circuits.
In addition to precision matched-pair electrical characteristics, each individual
EPAD MOSFET also exhibits well controlled manufacturing characteristics, en-
abling the user to depend on tight design limits from different production batches.
These devices are built for minimum offset voltage and differential thermal re-
sponse, and they can be used for switching and amplifying applications in +0.1V
to +10V (+0.05V to +5V) powered systems where low input bias current, low
input capacitance, and fast switching speed are desired. At VDS > 0.00V, the
device exhibits enhancement mode characteristics whereas at VGS < 0.00V the
device operates in the subthreshold voltage region and exhibits conventional
depletion mode characteristics, with well controlled turn-off and sub-threshold
levels that operate the same as standard enhancement mode MOSFETs.
The ALD210800A/ALD210800 features high input impedance (2.5 x 1010Ω) and
high DC current gain (>108). A sample calculation of the DC current gain at a
drain output current of 30mA and input current of 300pA at 25°C is 30mA/300pA
= 100,000,000, which translates into a dynamic operating current range of about
eight orders of magnitude. A series of four graphs titled “Forward Transfer Char-
acteristics”, with the 2nd and 3rd sub-titled “expanded (subthreshold)” and “fur-
ther expanded (subthreshold)”, and the 4th sub-titled “low voltage”, illustrates
the wide dynamic operating range of these devices.
Generally it is recommended that the V+ pin be connected to the most positive
voltage and the V- and IC (internally-connected) pins to the most negative volt-
age in the system. All other pins must have voltages within these voltage limits
at all times. Standard ESD protection facilities and handling procedures for static
sensitive devices are highly recommended when using these devices.
PRECISION N-CHANNEL EPAD® MOSFET ARRAY
QUAD HIGH DRIVE ZERO THRESHOLD™ MATCHED PAIR
FEATURES & BENEFITS
• Zero Threshold™ VGS(th) = 0.00V +0.01V
• VOS (VGS(th) match) to 2mV/10mV max.
• Sub-threshold voltage (nano-power) operation
• < 100mV min. operating voltage
• < 1nA min. operating current
• < 1nW min. operating power
• > 100,000,000:1 operating current ranges
• High transconductance and output conductance
• Low RDS(ON) of 25Ω
• Output current > 50mA
• Matched and tracked tempco
• Tight lot-to-lot parametric control
• Positive, zero, and negative VGS(th) tempco
• Low input capacitance and leakage currents
APPLICATIONS
• Low overhead current mirrors and current sources
• Zero Power Normally-On circuits
• Energy harvesting detectors
• Very low voltage analog and digital circuits
• Zero power fail-safe circuits
• Backup battery circuits & power failure detector
• Extremely low level voltage-clamps
• Extremely low level zero-crossing detectors
• Matched source followers and buffers
• Precision current mirrors and current sources
• Matched capacitive probes and sensor interfaces
• Charge detectors and charge integrators
• High gain differential amplifier input stage
• Matched peak-detectors and level-shifters
• Multiple Channel Sample-and-Hold switches
• Precision Current multipliers
• Discrete matched analog switches/multiplexers
• Nanopower discrete voltage comparators
ALD210800A/ALD210800
*IC pins are internally connected, connect to V-
SCL, PCL PACKAGES
PIN CONFIGURATION
VGS(th)= +0.00V
ALD210800
IC*
1
2
3
14
15
16
4
13
5
12
SN3
6
7
8
10
11
DN1
GN1
IC*
DN4
SN4
GN4
9
GN3
DN3
GN2
DN2
V+
SN1
V-
V+
V-
SN2
M 4
V-
M 1
V-
M 2
M 3
V-
V-
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
*Contact factory for industrial temp. range or user-specified threshold voltage values.
Operating Temperature Range *
0°C to +70°C
16-Pin SOIC Package
16-Pin Plastic Dip Package
ALD210800ASCL
ALD210800APCL
ALD210800SCL
ALD210800PCL


Similar Part No. - ALD210800ASCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD210800ASCL ALD-ALD210800ASCL Datasheet
112Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD210800ASCL ALD-ALD210800ASCL Datasheet
522Kb / 12P
PRECISION N-CHANNEL EPAD
More results

Similar Description - ALD210800ASCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD110800 ALD-ALD110800_12 Datasheet
109Kb / 11P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD210800 ALD-ALD210800 Datasheet
112Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD210802 ALD-ALD210802_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
ALD210808 ALD-ALD210808_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
2019
ALD310700 ALD-ALD310700_V01 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
ALD110800A ALD-ALD110800A_V01 Datasheet
127Kb / 12P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2019
ALD210804 ALD-ALD210804_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
ALD212900A ALD-ALD212900A Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD212908A ALD-ALD212908A Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE MATCHED PAIR
2017
ALD310700A ALD-ALD310700A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com