Electronic Components Datasheet Search
  English  ▼

X  

ALD212902PAL Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD212902PAL
Description  PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER??MATCHED PAIR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD212902PAL Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD212902PAL Datasheet HTML 1Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 2Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 3Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 4Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 5Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 6Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 7Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 8Page - Advanced Linear Devices ALD212902PAL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ALD212902
Advanced Linear Devices
5 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT CHARACTERISTICS
DRAIN SOURCE ON VOLTAGE - VDS(ON) (V)
0
2
40
100
80
60
20
0
6
8
10
4
VGS=VGS(th)+0.5V
VGS=VGS(th)+1.0V
VGS=VGS(th)+2.5V
VGS=VGS(th)+3.0V
VGS=VGS(th)+1.5V
VGS=VGS(th)+2.0V
LOW VOLTAGE OUTPUT
CHARACTERISTICS
DRAIN SOURCE ON VOLTAGE - VDS(ON) (V)
-0.3
-0.2
-0.1
0.0
+0.1
+0.2 +0.3
30
20
10
0
-10
-20
-30
+0.4
-0.4
1V
2V
4V
5V
VGS - VGS(th) = 0.5V
3V
V- = 0V
FORWARD TRANSFER CHARACTERISTICS
100
GATE SOURCE VOLTAGE - VGS (V)
-4
0
60
0
-2
24
6
8
20
80
40
TA = + 25°C
VDS = + 5V
VGS(th) = +0.4V
VGS(th) = -3.5V
VGS(th) = +1.4V
VGS(th)
= -0.4V
VGS(th) = 0.0V
VGS(th) = +0.2V
VGS(th)
= -0.8V
VGS(th)
= -0.2V
VGS(th) = +0.8V
VGS(th)
= -1.3V
FORWARD TRANSFER CHARACTERISTICS
EXPANDED (SUBTHRESHOLD)
GATE SOURCE VOLTAGE - VGS (V)
100000.00
10000.00
1000.00
100.00
10.00
1.00
0.10
0.01
-5
-4
-3
-2
-1
0
+1
+2
1000000.00
TA =
+ 25°C
FORWARD TRANSFER CHARACTERISTICS
LOW VOLTAGE
500
400
300
200
0
100
GATE SOURCE OVERDRIVE VOLTAGE
VGS - VGS(th) (V)
0
+0.1 +0.2
+0.4 +0.5
+0.3
-0.4 -0.3
-0.1
-0.2
VDS = + 0.1V
TA = + 25°C
FORWARD TRANSFER CHARACTERISTICS
FURTHER EXPANDED (SUBTHRESHOLD)
GATE SOURCE OVERDRIVE VOLTAGE
VGS - VGS(th) (V)
1000000.00
10000.00
1000.00
100.00
10.00
1.00
0.10
0.01
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
+0.1
+0.2
100000.00
TA = + 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com