Electronic Components Datasheet Search
  English  ▼

X  

STLC4420A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC4420A
Description  Single chip 802.11b/g/a WLAN radio
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4420A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC4420A Datasheet HTML 6Page - STMicroelectronics STLC4420A Datasheet HTML 7Page - STMicroelectronics STLC4420A Datasheet HTML 8Page - STMicroelectronics STLC4420A Datasheet HTML 9Page - STMicroelectronics STLC4420A Datasheet HTML 10Page - STMicroelectronics STLC4420A Datasheet HTML 11Page - STMicroelectronics STLC4420A Datasheet HTML 12Page - STMicroelectronics STLC4420A Datasheet HTML 13Page - STMicroelectronics STLC4420A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Pin descriptions
STLC4420A
10/40
VDD_QLO
A4
Analog supply
input
-
Analog 1.8V supply input for RF Quadrature
Local Oscillator (QLO). Decouple to a solid
ground plane using a ceramic capacitor
located as close as possible to the pin. Refer
to evaluation platform schematics.
VDD_VCO
A6
Analog supply
input
-
Analog 1.8V supply input for the RF Voltage
Controlled Oscillator (VCO). Typically
connected to V1OUT pin N15. Decouple to a
solid ground plane using a ceramic capacitor
located as close as possible to the pin. Refer
to evaluation platform schematics.
VDD_BIAS
N3
Analog supply
input
-
Analog supply input for BIAS control ciruits.
Typically connected to V4OUT pin M16.
Decouple to a solid ground plane using a
ceramic capacitor located as close as
possible to the pin. Refer to evaluation
platform schematics.
VDDD
B15, J22,
M21, N18,
E14, E15,
L13, N9,G16
Digital supply
input
-
Digital 1.8V I/O power supply input pins.
Decouple to a solid ground plane using
ceramic capacitors located as close a
possible to the appropriate pins. Refer to
evaluation platform schematics.
AGND
B1-B8,B11,
C4-C13, D3,
E3, F3, F6-
F11,
G6-G11, H6-
H11, J3, L8-
L12, M3, N5,
N6, N8, N11
Analog ground
-
All AGND pins must be connected together
through a solid ground plane. For optimal
performance, refer to the evaluation platform
layout for the proper AGND and DGND
grounding scheme.
TX_GND
G1, G2, G3,
H3, J2, K2
Analog ground
-
All TX_GND pins must be connected together
through a solid ground plane. For optimal
performance, refer to the evaluation platform
layout for the proper grounding scheme.
VDD_CORE
A23, B21,
C19, E16,
M17, M19,
N21
Digital supply
input
-
Digital 1.2V core supply. Decouple to a solid
ground plane using ceramic capacitors
located as close a possible to the appropriate
pins. Refer to evaluation platform
schematics.
DGND
A17,L14, L15,
L16, M9, K15,
J15, H15,
H19, G19,
F14, F15,
F19, F22,
E22, C22,
E23, N24,
B24, A24
Digital ground
-
All DGND pins must be connected together
through a common solid ground plane. For
maximum performance, refer to the
evaluation platform layout for the proper
AGND and DGND grounding scheme.
Table 1.
STLC4420A signal descriptions (continued)
Pin name
Pin number
Type
Internal
resistor
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com