Electronic Components Datasheet Search
  English  ▼

X  

MA2B027TA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA2B027TA
Description  Silicon epitaxial planar type variable resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2B027TA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2B027TA Datasheet HTML 1Page - Panasonic Semiconductor MA2B027TA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Varistors
2
Characteristics charts of MA2B027
MA2B027 Series
IF  VF
VF  Ta
IF  VF
IF  VF
VF  Ta
VF  Ta
VF  Ta
IF  VF
0.01
0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1 000
Forward voltage V
F
(V)
MA2B0270A
MA2B0270B
Ta
= 25°C
0
0.2
0.4
0.6
0.8
1.0
−40
0
40
80
120
160
Ambient temperature T
a
(
°C)
MA2B0270A
MA2B0270B
IF
= 1.5 mA
0.01
01234
0.1
1
10
100
Forward voltage V
F
(V)
MA2B027QA
MA2B027QB
Ta
= 25°C
0.01
0
0.4
0.8
1.2
1.6
2.0
2.4
0.1
1
10
100
1 000
Forward voltage V
F
(V)
MA2B027WA
MA2B027WB
Ta
= 25°C
0
0.4
0.8
1.2
1.6
2.0
−40
0
40
80
120
160
Ambient temperature T
a
(
°C)
MA2B027WA
MA2B027WB
IF
= 3 mA
0
−40
0
40
80
120
160
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Ambient temperature T
a
(
°C)
IF
= 3 mA
MA2B027QA
MA2B027QB
0.01
01234
0.1
1
10
100
Forward voltage V
F
(V)
Ta
= 25°C
MA2B027TA
MA2B027TB
0
0.5
1.0
1.5
2.0
2.5
−40
0
40
80
120
160
Ambient temperature T
a
(
°C)
MA2B027TB
MA2B027TA
IF
= 3 mA
Characteristics charts of MA2B027W
Characteristics charts of MA2B027T
Characteristics charts of MA2B027Q



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com