Electronic Components Datasheet Search
  English  ▼

X  

MA2C167 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA2C167
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2C167 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2C167 Datasheet HTML 1Page - Panasonic Semiconductor MA2C167 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Diodes
1
MA2C165, MA2C166, MA2C167
Silicon epitaxial planar type
For switching circuits
I Features
• Short reverse recovery time t
rr
• Small terminal capacitance, C
t
I Absolute Maximum Ratings T
a = 25°C
1 : Cathode
2 : Anode
JEDEC : DO-34
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage
MA2C165
VR
35
V
(DC)
MA2C166
50
MA2C167
75
Repetitive peak
MA2C165
VRRM
35
V
reverse voltage
MA2C166
50
MA2C167
75
Average forward current
IF(AV)
100
mA
Repetitive peak forward current
IFRM
225
mA
Non-repetitive peak forward
IFSM
500
mA
surge current*
Junction temperature
Tj
200
°C
Storage temperature
Tstg
−55 to +200
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
MA2C165
IR
VR = 15 V
0.025
µA
VR = 30 V
0.1
MA2C166
VR = 15 V
0.025
VR = 50 V
5
MA2C167
VR = 20 V
0.012
0.025
VR = 75 V
5
MA2C165
VR = 35 V, Ta = 150
°C
100
MA2C166
VR = 50 V, Ta = 150
°C
100
MA2C167
VR = 75 V, Ta = 150°C
50
100
Forward voltage (DC)
VF
IF = 100 mA
0.95
1.2
V
Reverse voltage (DC)
MA2C165
VR
IR = 5
µA35
V
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
0.9
2
pF
Reverse recovery time* MA2C165
trr
IF = 10 mA, VR = 1 V,
10
ns
MA2C166/167
Irr = 0.1 · IR, RL = 100
Ω
2.2
4
I Electrical Characteristics T
a = 25
°C
Note) * : t = 1 s
Type No.
MA2C165
MA2C166
MA2C167
Color
White
Green
Violet
I Cathode Indication
Note) 1. Rated input/output frequency: 100 MHz (MA2C165), 250 MHz (MA2C167), 1 000 MHz (MA2C166)
2. * : trr measuring circuit
φ 0.45 max.
φ 1.75 max.
COLORED BAND
INDICATES
CATHODE
2
1


Similar Part No. - MA2C167

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2C165001VT PANASONIC-MA2C165001VT Datasheet
5Mb / 71P
DVD Video Recorder Service Manual
More results

Similar Description - MA2C167

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
Silicon epitaxial planar type
MA2S377 PANASONIC-MA2S377 Datasheet
38Kb / 2P
Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
Silicon epitaxial planar type
MA2X335 PANASONIC-MA2X335 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2X707 PANASONIC-MA2X707 Datasheet
41Kb / 2P
Silicon epitaxial planar type
MA2Z365 PANASONIC-MA2Z365 Datasheet
42Kb / 2P
Silicon epitaxial planar type
MA2Z367 PANASONIC-MA2Z367 Datasheet
40Kb / 2P
Silicon epitaxial planar type
MA2Z720 PANASONIC-MA2Z720 Datasheet
42Kb / 2P
Silicon epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com