Electronic Components Datasheet Search
  English  ▼

X  

MA185 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA185
Description  Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA185 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA185 Datasheet HTML 1Page - Panasonic Semiconductor MA185 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Switching Diodes
2
MA2C185
IF  VF
IR  VR
IR Ta
VF  Ta
10−2
0
0.2
0.4
0.6
0.8
1.0
1.2
10−1
1
10
102
103
Forward voltage V
F
(V)
Ta
= 150°C
100
°C
25
°C
− 20°C
10−5
10−4
10−3
10−2
10−1
1
Reverse voltage VR (V)
0
40
80
120
160
200
Ta
= 150°C
100
°C
25
°C
10−4
0
20 40 60 80 100 120 140 160 180
10−3
10−2
10−1
1
10
Ambient temperature T
a
(
°C)
VR
= 200 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
40
80
120
160
200
Ambient temperature T
a
(
°C)
IF
= 100 mA
10 mA
1 mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com