Electronic Components Datasheet Search
  English  ▼

X  

MPC8250ACVVCPMX Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPC8250ACVVCPMX
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8250ACVVCPMX Datasheet(HTML) 1 Page - NXP Semiconductors

  MPC8250ACVVCPMX Datasheet HTML 1Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 2Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 3Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 4Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 5Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 6Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 7Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 8Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
© Freescale Semiconductor, Inc., 2003, 2005, 2009. All rights reserved.
Freescale Semiconductor
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
This document contains detailed information on power
considerations, DC/AC electrical characteristics, and AC
timing specifications for the MPC8250 PowerQUICC II™
communications processor.
The following topics are addressed:
The MPC8250 is available in two packages—the standard
TBGA package (480 pins) and an alternate PBGA package
(516 pins)—as described in Section 4, “Pinout,” and
Section 5, “Package Description.” For more information on
PBGA packages, contact your Freescale sales office. Note
that throughout this document references to the MPC8250
are inclusive of its PBGA version unless otherwise specified.
Document Number: MPC8250EC
Rev. 2, 07/2009
Contents
1. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2. Electrical and Thermal Characteristics . . . . . . . . . . . . 6
3. Clock Configuration Modes . . . . . . . . . . . . . . . . . . . 20
4. Pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
5. Package Description . . . . . . . . . . . . . . . . . . . . . . . . . 55
6. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 59
7. Document Revision History . . . . . . . . . . . . . . . . . . . 59
MPC8250
Hardware Specifications


Similar Part No. - MPC8250ACVVCPMX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8250 FREESCALE-MPC8250 Datasheet
956Kb / 2P
CodeWarrior Development Studio
MPC8250 FREESCALE-MPC8250 Datasheet
1Mb / 60P
Hardware Specifications
MPC8250 FREESCALE-MPC8250 Datasheet
951Kb / 62P
Hardware Specifications
MPC8250VR FREESCALE-MPC8250VR Datasheet
956Kb / 2P
CodeWarrior Development Studio
MPC8250VR FREESCALE-MPC8250VR Datasheet
1Mb / 60P
Hardware Specifications
More results

Similar Description - MPC8250ACVVCPMX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
Hardware Specifications
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
Hardware Specifications
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com