Electronic Components Datasheet Search
  English  ▼

X  

GVAS026 Datasheet(PDF) 2 Page - Schneider Electric

Part # GVAS026
Description  Shunt release (MX), TeSys Deca, 24V AC 60Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GVAS026 Datasheet(HTML) 2 Page - Schneider Electric

  GVAS026 Datasheet HTML 1Page - Schneider Electric GVAS026 Datasheet HTML 2Page - Schneider Electric GVAS026 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Height
3.50 in (89 mm)
Width
0.71 in (18 mm)
Depth
2.60 in (66 mm)
Net Weight
0.23 lb(US) (0.105 kg)
Color
Dark grey
Ordering and shipping details
Category
22367-MANUAL STR PROTECTOR - GV2
Discount Schedule
I11
GTIN
3389110343588
Nbr. of units in pkg.
1
Package weight(Lbs)
3.95 oz (112.0 g)
Returnability
No
Country of origin
CZ
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.27 in (8.3 cm)
Package 1 width
1.42 in (3.6 cm)
Package 1 Length
3.62 in (9.2 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Antimony oxide & Antimony
trioxide, which is known to the State of California to cause cancer. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
Environmental Disclosure
Product Environmental Profile
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
2
May 13, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com