Electronic Components Datasheet Search
  English  ▼

X  

LR3D22 Datasheet(PDF) 1 Page - Schneider Electric

Part # LR3D22
Description  TeSys Deca thermal overload relays - 16...24 A - class 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LR3D22 Datasheet(HTML) 1 Page - Schneider Electric

  LR3D22 Datasheet HTML 1Page - Schneider Electric LR3D22 Datasheet HTML 2Page - Schneider Electric LR3D22 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
TeSys Deca thermal overload relays
- 16...24 A - class 10A
LR3D22
Product availability : Stock - Normally stocked in distribution
facility
Price* : 62.00 USD
Main
Range
TeSys
TeSys Deca
Product name
TeSys LRD
TeSys Deca
Product or Component Type
Non differential thermal overload relay
Device short name
LR3D
Relay application
Motor protection
Product Compatibility
LC1D25
LC1D32
LC1D38
Network type
AC
DC
Thermal overload class
Class 10A IEC 60947-4-1
Thermal protection adjustment
range
16…24 A
[Ui] rated insulation voltage
Power circuit 600 V CSA
Power circuit 600 V UL
Power circuit 690 V IEC 60947-4-1
Complementary
Network Frequency
0...400 Hz
Mounting support
Plate, with specific accessories
Rail, with specific accessories
Under contactor
Tripping threshold
1.14 +/- 0.06 Ir IEC 60947-4-1
Auxiliary contact composition
1 NO + 1 NC
[Ith] conventional free air
thermal current
5 A signalling circuit
Permissible current
1.5 A 240 V AC-15 signalling circuit
0.1 A 250 V DC-13 signalling circuit
[Ue] rated operational voltage
690 V AC 0...400 Hz power circuit IEC 60947-4-1
Associated fuse rating
4 A gG signalling circuit
4 A BS signalling circuit
[Uimp] rated impulse withstand
voltage
6 kV
Phase failure sensitivity
Tripping current 130 % of Ir on two phase, the last one at 0
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 25, 2022
1


Similar Part No. - LR3D22

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LR3D22 SCHNEIDER-LR3D22 Datasheet
181Kb / 3P
TeSys LRD thermal overload relays - 16...24 A - class 10A
Dec 24, 2020
LR3D226 SCHNEIDER-LR3D226 Datasheet
181Kb / 3P
TeSys LRD thermal overload relays - 16...24 A - class 10A
Dec 24, 2020
LR3D226 SCHNEIDER-LR3D226 Datasheet
194Kb / 3P
TeSys Deca thermal overload relays - 16...24 A - class 10A
May 30, 2022
LR3D226 SCHNEIDER-LR3D226_V01 Datasheet
194Kb / 3P
TeSys Deca thermal overload relays - 16...24 A - class 10A
May 30, 2022
LR3D22L SCHNEIDER-LR3D22L Datasheet
144Kb / 3P
TeSys LRD thermal overload relays - 17...24 A - class 20
Dec 24, 2020
More results

Similar Description - LR3D22

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LR3D22 SCHNEIDER-LR3D22 Datasheet
181Kb / 3P
TeSys LRD thermal overload relays - 16...24 A - class 10A
Dec 24, 2020
LR3D226 SCHNEIDER-LR3D226 Datasheet
181Kb / 3P
TeSys LRD thermal overload relays - 16...24 A - class 10A
Dec 24, 2020
LRD226 SCHNEIDER-LRD226 Datasheet
180Kb / 3P
TeSys LRD thermal overload relays - 16...24 A - class 10A
Dec 24, 2020
LR3D08 SCHNEIDER-LR3D08_V01 Datasheet
194Kb / 3P
TeSys Deca thermal overload relays - 2.5...4 A - class 10A
May 25, 2022
LR3D14 SCHNEIDER-LR3D14_V01 Datasheet
172Kb / 3P
TeSys Deca thermal overload relays - 7...10 A - class 10A
May 25, 2022
LR3D16 SCHNEIDER-LR3D16_V01 Datasheet
194Kb / 3P
TeSys Deca thermal overload relays - 9...13 A - class 10A
May 25, 2022
LRD22 SCHNEIDER-LRD22_V01 Datasheet
123Kb / 4P
TeSys Deca, thermal overload relay, 16 to 24 A, class 10A
May 24, 2022
LR3D226 SCHNEIDER-LR3D226_V01 Datasheet
194Kb / 3P
TeSys Deca thermal overload relays - 16...24 A - class 10A
May 30, 2022
LRD223 SCHNEIDER-LRD223_V01 Datasheet
113Kb / 3P
TeSys Deca thermal overload relays - 16...24 A - class 10A
May 30, 2022
LRD226 SCHNEIDER-LRD226_V01 Datasheet
132Kb / 3P
TeSys Deca thermal overload relays - 16...24 A - class 10A
May 25, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com