Electronic Components Datasheet Search
  English  ▼

X  

STTH506DTI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH506DTI
Description  Tandem 600V HYPERFAST BOOST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH506DTI Datasheet(HTML) 2 Page - STMicroelectronics

  STTH506DTI Datasheet HTML 1Page - STMicroelectronics STTH506DTI Datasheet HTML 2Page - STMicroelectronics STTH506DTI Datasheet HTML 3Page - STMicroelectronics STTH506DTI Datasheet HTML 4Page - STMicroelectronics STTH506DTI Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STTH506DTI
2/5
Symbol
Parameter
Test conditions
Value
Unit
Rth (j-c)
Junction to case thermal resistance
3.0
°C/W
THERMAL AND POWER DATA
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
VR =VRRM
Tj = 25°C
6µA
Tj = 125°C
860
VF **
Forward voltage drop
IF = 5 A
Tj=25
°C
3.6
V
Tj = 150°C
1.95
2.4
Pulse test : * tp = 100 ms,
δ <2%
** tp = 380 µs,
δ <2%
To evaluate the maximum conduction losses use the following equation :
P=1.7xIF(AV) + 0.14 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery
time
IF = 0.5 A
Irr = 0.25 A
IR =1A
Tj = 25°C
12
ns
IF =1A
dIF/dt=-50 A/µs
VR =30V
25
IRM
Reverse recovery
current
VR = 400 V IF =5A
dIF/dt = -200 A/µs
Tj = 125°C
3.6
4.5
A
S
Reverse recovery
softness factor
0.4
-
Qrr
Reverse recovery
charges
45
nC
DYNAMIC CHARACTERISTICS
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
tfr
Forward recovery
time
IF =5A dIF/dt = 100 A/µs
VFR =1.1xVF max
Tj = 25°C
100
ns
VFP
Transient peak
forward recovery
voltage
IF =5A dIF/dt = 100 A/µs
Tj = 25°C
7V
TURN-ON SWITCHING CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com