Electronic Components Datasheet Search
  English  ▼

X  

ADP1034 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1034
Description  3-Channel Isolated Micropower Management Unit with Seven Digital Isolators and
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1034 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1034 Datasheet HTML 9Page - Analog Devices ADP1034 Datasheet HTML 10Page - Analog Devices ADP1034 Datasheet HTML 11Page - Analog Devices ADP1034 Datasheet HTML 12Page - Analog Devices ADP1034 Datasheet HTML 13Page - Analog Devices ADP1034 Datasheet HTML 14Page - Analog Devices ADP1034 Datasheet HTML 15Page - Analog Devices ADP1034 Datasheet HTML 16Page - Analog Devices ADP1034 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Data Sheet
ADP1034
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 41
Figure 5. Overall Efficiency at Various Input Voltages, TA = 25°C, VOUT1 = 24 V,
VOUT2 = 5.0 V, IOUT2 = 6 mA, VOUT3 = −15 V, IOUT3 = −4 mA
Figure 6. Overall Efficiency Across Temperature, VVINP = 24 V, VOUT1 = 24 V,
VOUT2 = 5.0 V, IOUT2 = 6 mA, VOUT3 = −15 V, IOUT3 = −4 mA
Figure 7. Overall Efficiency at Various VOUT1 Output Voltages, TA = 25°C,
VVINP = 24 V, VOUT2 = 5.0 V, IOUT2 = 6 mA, VOUT3 = −15 V, IOUT3 = −4 mA
Figure 8. Power Dissipation at Various Input Voltages, TA = 25°C, VOUT1 = 24
V, VOUT2 = 5.0 V, IOUT2 = 6 mA, VOUT3 = −15 V, IOUT3 = −4 mA
Figure 9. Power Dissipation Across Temperature, VVINP = 24 V, VOUT1 = 24 V,
VOUT2 = 5.0 V, IOUT2 = 6 mA, VOUT3 = −15 V, IOUT3 = −4 mA
Figure 10. Power Dissipation at Various VOUT1 Output Voltages, TA = 25°C,
VVINP = 24 V, VOUT2 = 5.0 V, IOUT2 = 6 mA, VOUT3 = −15 V, IOUT3 = −4 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com