Electronic Components Datasheet Search
  English  ▼

X  

SP431 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP431
Description  High Speed, 3.3V Quad RS-422 Differential Line Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP431 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP431 Datasheet HTML 7Page - Sipex Corporation SP431 Datasheet HTML 8Page - Sipex Corporation SP431 Datasheet HTML 9Page - Sipex Corporation SP431 Datasheet HTML 10Page - Sipex Corporation SP431 Datasheet HTML 11Page - Sipex Corporation SP431 Datasheet HTML 12Page - Sipex Corporation SP431 Datasheet HTML 13Page - Sipex Corporation SP431 Datasheet HTML 14Page - Sipex Corporation SP431 Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
SP431DS/08
SP431 High Speed, +3.3V Quad RS-422 Differential Line Driver
© Copyright 1997 Sipex Corporation
Figure 25. No Load Supply Current Vs. Data Rate
Figure 26. Loaded Supply Current Vs. Data Rate
Figure 27. Output Short Circuit Current Vs. Temperature
Figure 28. Output Short Circuit Current Vs.
Power Supply Voltage
TBD
TBD
TBD
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com