Electronic Components Datasheet Search
  English  ▼

X  

ADRF5474 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5474
Description  Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5474 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5474 Datasheet HTML 1Page - Analog Devices ADRF5474 Datasheet HTML 2Page - Analog Devices ADRF5474 Datasheet HTML 3Page - Analog Devices ADRF5474 Datasheet HTML 4Page - Analog Devices ADRF5474 Datasheet HTML 5Page - Analog Devices ADRF5474 Datasheet HTML 6Page - Analog Devices ADRF5474 Datasheet HTML 7Page - Analog Devices ADRF5474 Datasheet HTML 8Page - Analog Devices ADRF5474 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
ADRF5474
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 14
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Third-Order Intercept (IP3)
Two-tone PIN = 12 dBm per tone, Δf = 1 MHz, all
attenuation states
45
dBm
DIGITAL CONTROL INPUTS
LE, D2, D3, D4, and D5
Voltage
Low (VINL)
0
0.8
V
High (VINH)
1.2
3.3
V
Current
Low (IINL)
–10
µA
High (IINH)
<1
µA
SUPPLY CURRENT
Positive Supply Current
Bias Low
LE, D2, D3, D4, and D5 = 0 V
52
µA
Bias High
LE, D2, D3, D4, and D5 = 3.3 V
2
µA
Negative Supply Current
–110
μA
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Positive (VDD)
3.15
3.45
V
Negative (VSS)
−3.45
−3.15
V
Digital Control Voltage
0
VDD
V
RF Power Handling 2
Frequency = 100 MHz to 50 GHz, TDIE3 = 85°C,4 all
attenuation states
Input at ATTIN
Steady state, average
23
dBm
Steady state, peak
24
dBm
Hot switching, average
23
dBm
Hot switching, peak
24
dBm
Input at ATTOUT
Steady state, average
15
dBm
Steady state, peak
16
dBm
Hot switching, average
15
dBm
Hot switching, peak
16
dBm
TDIE3
−40
+105
°C
1 Input linearity performance degrades over frequency, see Figure 19 and Figure 22.
2 For power derating over frequency, see Figure 2 to Figure 3. Applicable for all ATTIN and ATTOUT power specifications.
3 TDIE refers to the bottom of the die on carrier.
4 For 105°C operation, the power handling degrades from the TDIE = 85°C specifications by 3 dB.
TIMING SPECIFICATIONS
See Figure 24 for the timing diagrams.
Table 2.
Parameter
Description
Min
Typ
Max
Unit
tLEW
Minimum LE pulse width, see Figure 24
10
ns
tPH
Hold time, see Figure 24
10
ns
tPS
Setup time, see Figure 24
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com