Electronic Components Datasheet Search
  English  ▼

X  

HS574AC Datasheet(PDF) 10 Page - Sipex Corporation

Part # HS574AC
Description  12-bit Sampling A/D Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS574AC Datasheet(HTML) 10 Page - Sipex Corporation

Back Button HS574AC Datasheet HTML 6Page - Sipex Corporation HS574AC Datasheet HTML 7Page - Sipex Corporation HS574AC Datasheet HTML 8Page - Sipex Corporation HS574AC Datasheet HTML 9Page - Sipex Corporation HS574AC Datasheet HTML 10Page - Sipex Corporation HS574AC Datasheet HTML 11Page - Sipex Corporation HS574AC Datasheet HTML 12Page - Sipex Corporation HS574AC Datasheet HTML 13Page - Sipex Corporation HS574AC Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
12
Conversion Length
A conversion start transition latches the state of
A
0 as shown in Figure 8 and Table 1. The latched
state determines if the conversion stops with 8–
bits (A
0 high) or continues for 12–bits (A0 low).
If all 12–bits are read following an 8–bit conver-
sion, the three LSB’s will be a logic “0” and DB
3
will be a logic “1”. A
0 is latched because it is also
involved in enabling the output buffers as ex-
plained elsewhere. No other control inputs are
latched.
Stand–Alone Operation
The simplest interface is a control line connected
to R/C. The other controls must be tied to known
states as follows: CE and 12/8 are wired high, A
0
and CS are wired low. The output data arrives in
words of 12–bits each. The limits on R/C duty
cycle are shown in Figures 9 and 10. The duty
cycle may be within and including the extremes
shown in the specifications. In general, data may
be read when R/C is high unless STS is also high,
indicating a conversion is in progress.
Reading Output Data
The output data buffers remain in a high imped-
ance state until the following four conditions are
met: R/C is high, STS is low, CE is high and CS
is low. The data lines become active in response
to these four conditions, and output data accord-
ing to the conditions of the control lines 12/8 and
A
0. The timing diagram for this process is shown
in Figure 11. When 12/8 is high, all 12 data
outputs become active simultaneously and the
A
0 input is ignored. The 12/8 input is usually tied
high or low; it is TTL/CMOS compatible. When
12/8 is low, the output is separated into two 8–bit
bytes as shown below:
BYTE 1
BYTE2
xxxx xxxx
xxxx 0000
MSB
LSB
This configuration makes it easy to connect to an
8–bit address bus as shown in Figure 7. The A
0
control can be connected to the least significant
bit of the data bus in order to store the output data
into two consecutive memory locations. When
A
0 is pulled low, the 8 MSB’s are enabled only.
When A
0 is high, the 8 MSB’s are disabled, bits
4 through 7 are forced to a zero and the four
LSB’s are enabled. The two byte format is “left
justified data” as shown above and can be con-
sidered to have a decimal point or binary to the
left of byte 1.
A
0 may be toggled without damage to the con-
verter at any time. Break–before–make action is
guaranteed between the two data bytes. This
assures that the outputs which are strapped to-
gether in Figure 11 will never be enabled at the
same time.
In Figure 11, it can be seen that a read operation
usually begins after the conversion is complete
and STS is low. If earlier access is needed, the
read can begin no later than the addition of times
t
DD and tHS before STS goes low.
Figure 7. Interfacing SPx74A to 8–Bit Interface Bus
28
27
26
25
24
23
22
21
20
19
18
17
16
15
STS
DB11 (MSB)
DB0 (LSB)
DIG
COM
SPx74A
2
4
A0
ADDRESS BUS
A0
12/8
DATA
BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com