Electronic Components Datasheet Search
  English  ▼

X  

SP301ES Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP301ES
Description  RS-232/RS-422 Line Drivers/Receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP301ES Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP301ES Datasheet HTML 10Page - Sipex Corporation SP301ES Datasheet HTML 11Page - Sipex Corporation SP301ES Datasheet HTML 12Page - Sipex Corporation SP301ES Datasheet HTML 13Page - Sipex Corporation SP301ES Datasheet HTML 14Page - Sipex Corporation SP301ES Datasheet HTML 15Page - Sipex Corporation SP301ES Datasheet HTML 16Page - Sipex Corporation SP301ES Datasheet HTML 17Page - Sipex Corporation SP301ES Datasheet HTML 18Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
67
Corporation
SIGNAL PROCESSING EXCELLENCE
ORDERING INFORMATION
Max # of Duplex Channels
Model
RS232
RS422
Temperature
Package
SP301CS .......... 2 ........................ 2 ............. 0
°C to +70°C .......................... 24-pin single–width plastic DIP
SP301CT .......... 2 ........................ 2 ............. 0
°C to +70°C ........................................................ 28-pin SOIC
SP301ES .......... 2 ........................ 2 ......... -40
°C to +85°C .......................... 24-pin single–width plastic DIP
SP301ET .......... 2 ........................ 2 ......... -40
°C to +85°C ........................................................ 28-pin SOIC
SP302CS .......... 4 ........................ 2 ............. 0
°C to +70°C .......................... 24-pin single–width plastic DIP
SP302CT .......... 4 ........................ 2 ............. 0
°C to +70°C ........................................................ 28-pin SOIC
SP302ES .......... 4 ........................ 2 ......... -40
°C to +85°C .......................... 24-pin single–width plastic DIP
SP302ET .......... 4 ........................ 2 ......... -40
°C to +85°C ........................................................ 28-pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com