Electronic Components Datasheet Search
  English  ▼

X  

M655 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M655
Description  TRIPLE 10-BIT VIDEO D-A CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M655 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M655 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M655 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M655 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M655 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M655 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M655 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M655 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MITSUBISHI ICs (AV COMMON)
M65530FP
TRIPLE 10-BIT VIDEO D-A CONVERTER
5
Table of an analog power-down function (pin 33)
Table of a blanking function (pin 32)
• A blanking operation sets an analog output to 0V on the first rising edge of the clock after a
blanking signal has become "H" regardless of a digital input code.
Table of an analog output function (iout)
Note : The analog output voltage is a theoretical value in the condition of VDD = 5.0V, VZ = 1.28V, Rref = 768
Ω and RL = 75Ω.
INPUT / OUTPUT TIMING DIAGRAM
Analog power-down signal
Power-down function
"H"
Power-down
"L"
Normal operation
Blanking signal
Blanking function
"H"
Blanking
"L"
Normal operation
Digital input code
Analog output voltage
9
MSB
8
7
6
5
4
3
2
1
0
LSB
1
1
1
1
1
1
1
1
1
1
2.0000V
1
1
1
1
1
1
1
1
1
0
1.9980V
1
0
0
0
0
0
0
0
0
0
1.0000V
0
1
1
1
1
1
1
1
1
1
0.9980V
0
0
0
0
0
0
0
0
0
1
0.0020V
0
0
0
0
0
0
0
0
0
0
0.0000V
tsu
th
tWL
tWH
tds
tpd
ts
tds
7nS
tpd
10nS
DATA INPUT
CLOCK INPUT
ANALOG OUTPUT
Where both BLK and CEB are low.
50%
10%
+1%FS
-1%FS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com