Electronic Components Datasheet Search
  English  ▼

X  

USB5826C Datasheet(PDF) 33 Page - Microchip Technology

Part # USB5826C
Description  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for Dual USB Type-C짰 DFPs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5826C Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB5826C_V01 Datasheet HTML 29Page - Microchip Technology USB5826C_V01 Datasheet HTML 30Page - Microchip Technology USB5826C_V01 Datasheet HTML 31Page - Microchip Technology USB5826C_V01 Datasheet HTML 32Page - Microchip Technology USB5826C_V01 Datasheet HTML 33Page - Microchip Technology USB5826C_V01 Datasheet HTML 34Page - Microchip Technology USB5826C_V01 Datasheet HTML 35Page - Microchip Technology USB5826C_V01 Datasheet HTML 36Page - Microchip Technology USB5826C_V01 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00003187C-page 33
USB5826C
8.2
Battery Charging
The device can be configured by an OEM to have any of the downstream ports support battery charging. The hub’s role
in battery charging is to provide acknowledgment to a device’s query as to whether the hub system supports USB battery
charging. The hub silicon does not provide any current or power FETs or any additional circuitry to actually charge the
device. Those components must be provided externally by the OEM.
If the OEM provides an external supply capable of supplying current per the battery charging specification, the hub can
be configured to indicate the presence of such a supply from the device. This indication, via the
PRT_CTL[6:1] pins, is
on a per port basis. For example, the OEM can configure two ports to support battery charging through high current
power FETs and leave the other two ports as standard USB ports.
For additional information, refer to the Microchip USB5826C Battery Charging application note on the Microchip.com
USB5826C product page www.microchip.com/USB5826C.
FIGURE 8-4:
DFP TYPE-C PORT WITH GENERIC TYPE-C CONTROLLER AND INTERNAL MUX
(MODE 2)
FIGURE 8-5:
BATTERY CHARGING EXTERNAL POWER SUPPLY
USB Type-C
Internal Mux
Downstream Port
VBUS
SSTXA+
SSTXA-
SSRXA+
SSRXA-
SSTXB+
SSTXB-
SSRXB+
SSRXB-
D+
D-
CC1
CC2
GENERIC
PORT PWR
CTLR
POWER
OCS
SSTXA+
SSTXA-
SSRXA+
SSRXA-
SSTXB+
SSTXB-
SSRXB+
SSRXB-
D+
D-
PRTCTL
USB Type-C
UTC2000
UFP Mode
ENABLE
OCS#
PLUG_OR#
PPC_EN
CC1
CC2
AB
C_ATTACH
ALT_MUX_EN
CC_POL
3.3V
SOC
VBUS[n]
INT
SCL
SDA
Microchip
Hub
DC Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com