Electronic Components Datasheet Search
  English  ▼

X  

MP4T24335 Datasheet(PDF) 2 Page - M-pulse Microwave Inc.

Part # MP4T24335
Description  Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T24335 Datasheet(HTML) 2 Page - M-pulse Microwave Inc.

  MP4T24335 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T24335 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T24335 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T24335 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T24335 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T24335 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T24335 Datasheet HTML 7Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
MP4T243 Series
V3.00
pecification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
2
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
Absolute Maximum Ratings @ 25
°C
Parameter
Symbol
Unit
MP4T24300
Chip
MP4T24335
Micro-X
Collector-Base Voltage
1
VCBO
Volts
25
25
Collector-Emitter Voltage
1
VCEO
Volts
12
12
Emitter-Base Voltage
1
VEBO
Volts
1.5
1.5
Collector Current
1
IC
mA
110
110
Junction Temperature
Tj
°C
200
200
Storage Temperature
TSTG
°C
-65 to +200
-65 to +200
Power Dissipation
1,3
PT
mW
1000
400
Operating Temperature
2
TCP
°C
150
150
1. At 25
°C case temperature (packaged transistors) or 25°C mounting surface temperature (chip transistors).
2. Case or bonding surface temperature. Derate maximum power dissipation rating to zero watts at maximum operating temperature.
3. The thermal resistance of the MP4T24300 junction/case is 50
°C/watt nominal.
Electrical Specifications @ 25
°C
Parameter
Condition
Symbol
Units
MP4T24300
Chip
MP4T24335
Micro-X
Gain Bandwidth Product
VCE = 12 volts
fT
GHz
7 typ
7 typ
IC = 40 mA
Insertion Power Gain
VCE = 12 volts
|S21E|
2
dB
IC = 40 mA
f = 1 GHz
12 min
11 min
f = 2 GHz
8 typ
8 typ
Noise Figure
VCE = 12 volts
NF
dB
IC = 20 mA
f = 1 GHz
3 typ
3 typ
Unilateral Gain
VCE = 12 volts
GTU (max)
aB
IC = 40 mA
f = 2 GHz
11 typ
10.5 typ
Maximum Available Gain
VCE = 12 volts
MAG
dB
IC = 40 mA
f = 2 GHz
15 typ
15 typ
Power Out at 1 dB Compression
VCE = 12 volts
P1dB
dBm
IC = 40 mA
f = 1 GHz
24 typ
24 typ
f = 2 GHz
22 typ
22 typ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com