Electronic Components Datasheet Search
  English  ▼

X  

MP4T645 Datasheet(PDF) 4 Page - M-pulse Microwave Inc.

Part # MP4T645
Description  Silicon Bipolar High fT Low Noise Microwave Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T645 Datasheet(HTML) 4 Page - M-pulse Microwave Inc.

  MP4T645 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T645 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T645 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T645 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T645 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T645 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T645 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T645 Datasheet HTML 8Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Silicon Bipolar High fT Low Noise Microwave Transistors
MP4T645 Series
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
4
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
Typical Scattering Parameters in the MIcro-X Package (Cont’d)
MP4T64535, VCE = 8 Volts, IC = 20 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
500
0.536
-154
11.788
104.0
0.033
49.8
0.390
-46.8
1000
0.565
-177
6.309
87.5
0.046
55.7
0.284
-53.2
1500
0.579
170
4.350
77.0
0.062
57.7
0.270
-54.6
2000
0.592
160
3.368
68.6
0.077
59.3
0.237
-57.5
2500
0.612
151
2.798
60.1
0.093
58.0
0.226
-70.0
3000
0.630
142
2.390
52.6
0.108
56.5
0.243
-77.2
3500
0.660
134
2.156
45.4
0.126
54.4
0.231
-84.4
4000
0.691
125
1.984
37.2
0.141
52.6
0.223
-95.8
4500
0.719
117
1.809
28.4
0.155
50.9
0.240
-105.2
5000
0.760
109
1.697
21.3
0.173
48.5
0.229
-112.6
5500
0.803
101
1.594
13.8
0.192
46.0
0.229
-112.3
6000
0.844
92
1.540
6.0
0.210
44.2
0.258
-136.2
Typical Scattering Parameters in the SOT-23 Package
MP4T64533, VCE = 8 Volts, IC = 7 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
500
0.421
-95
7.378
126.4
0.062
77.9
0.519
-36.3
1000
0.257
-149
4.384
118.9
0.100
97.9
0.402
-36.9
1500
0.232
-176
3.082
123.3
0.140
116.2
0.368
-39.6
2000
0.238
157
2.408
129.2
0.183
130.9
0.354
-44.7
2500
0.256
140
2.005
136.3
0.224
145.7
0.346
-51.6
3000
0.279
126
1.734
143.2
0.274
160.8
0.339
-58.8
3500
0.310
116
1.498
153.3
0.308
172.0
0.331
-68.5
4000
0.338
106
1.367
163.5
0.350
173.6
0.320
-80.1
4500
0.359
97
1.284
173.8
0.402
161.0
0.327
-90.6
MP4T64533, VCE = 8 Volts, IC = 10 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
500
0.299
-116
8.385
119.4
0.057
82.1
0.451
-33.9
1000
0.216
-161
4.558
116.9
0.099
102.3
0.354
-33.2
1500
0.215
172
3.185
122.7
0.142
119.5
0.332
-37.7
2000
0.230
151
2.487
129.0
0.188
132.9
0.332
-44.0
2500
0.247
134
2.064
136.4
0.230
146.9
0.332
-50.1
3000
0.267
123
1.783
143.8
0.281
161.5
0.322
-56.1
3500
0.299
114
1.548
153.9
0.315
172.5
0.310
-66.4
4000
0.328
104
1.410
164.0
0.357
173.6
0.299
-79.2
4500
0.352
96
1.320
174.5
0.408
161.3
0.310
-90.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com