Electronic Components Datasheet Search
  English  ▼

X  

MP4T632533 Datasheet(PDF) 6 Page - M-pulse Microwave Inc.

Part # MP4T632533
Description  3 Volt, General Purpose Low Noise High fT Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T632533 Datasheet(HTML) 6 Page - M-pulse Microwave Inc.

  MP4T632533 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T632533 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T632533 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T632533 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T632533 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T632533 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T632533 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T632533 Datasheet HTML 8Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3 Volt, General Purpose Low Noise High fT Silicon Transistor
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
6
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T6325 Series
Case Styles
Chip - MP4T632500
BASE
EMITTER
D THICKNESS
A
C 2 PLCS.
B
SOT-23 - MP4T632533
F
D
H
J
A
G
L
C
E
B
K
N
M
C ollector
E m itter
Base
MP4T632500
DIM.
INCHES (Nominal)
MM (Nominal)
A
0.013
0.35
B
0.013
0.35
C
0.0016
0.040
D
0.0045
0.11
MP4T632533
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.048
1.22
B
0.008
0.20
C
0.040
1.00
D
0.013
0.020
0.35
0.50
E
0.003
0.006
0.08
0.15
F
0.110
0.119
2.80
3.00
G
0.047
0.056
1.20
1.40
H
0.037 typical
0.95 typical
J
0.075 typical
1.90 typical
K
0.103
2.60
L
0.024
0.60
DIM.
GRADIENT
M
10
° max.
1
N
2
° . . . 30°
NOTE:
1. Applicable on all sides



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com