Electronic Components Datasheet Search
  English  ▼

X  

MIMXRT406LCFP4A Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MIMXRT406LCFP4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT406LCFP4A Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MIMXRT406LCFP4A Datasheet HTML 11Page - NXP Semiconductors MIMXRT406LCFP4A Datasheet HTML 12Page - NXP Semiconductors MIMXRT406LCFP4A Datasheet HTML 13Page - NXP Semiconductors MIMXRT406LCFP4A Datasheet HTML 14Page - NXP Semiconductors MIMXRT406LCFP4A Datasheet HTML 15Page - NXP Semiconductors MIMXRT406LCFP4A Datasheet HTML 16Page - NXP Semiconductors MIMXRT406LCFP4A Datasheet HTML 17Page - NXP Semiconductors MIMXRT406LCFP4A Datasheet HTML 18Page - NXP Semiconductors MIMXRT406LCFP4A Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
Electrical characteristics
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 3.1, 03/2022
NXP Semiconductors
15
4
Electrical characteristics
This section provides the device and module-level electrical characteristics for the i.MX RT1015
processors.
4.1
Chip-level conditions
This section provides the device-level electrical characteristics for the IC. See Table 6 for a quick reference
to the individual tables and sections.
4.1.1
Absolute maximum ratings
CAUTION
Stress beyond those listed under Table 7 may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any other conditions beyond those indicated
under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
Table 7 shows the absolute maximum operating ratings.
Table 6. i.MX RT1015 chip-Level conditions
For these characteristics
Topic appears
Absolute maximum ratings
on page 15
Thermal resistance
on page 16
Operating ranges
on page 17
External clock sources
on page 18
Maximum supply currents
on page 19
Low power mode supply currents
on page 20
USB PHY current consumption
on page 20
Table 7. Absolute maximum ratings
Parameter Description
Symbol
Min
Max
Unit
Core supplies input voltage
VDD_SOC_IN
-0.3
1.6
V
VDD_HIGH_IN supply voltage
VDD_HIGH_IN
-0.3
3.7
V
Power for DCDC
DCDC_IN
-0.3
3.6
V
Supply input voltage to Secure Non-Volatile Storage
and Real Time Clock
VDD_SNVS_IN
-0.3
3.6
V
USB VBUS supply
USB_OTG1_VBUS
—
5.5
V
Supply for 12-bit ADC
VDDA_ADC
3
3.6
V
IO supply for GPIO bank (3.3 V mode)
NVCC_GPIO
3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com