Electronic Components Datasheet Search
  English  ▼

X  

3383151 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 3383151
Description  Front unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

3383151 Datasheet(HTML) 1 Page - Festo Corporation.

  3383151 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Front unit
ERMH-8-P-E17-15
Part number: 3383151
Data sheet
Feature
Value
Size
8
Structural design
Electromechanical rotary module
with air through-guide
Mounting position
Any
Rotation angle
Infinite
Gear ratio
30:1
Nominal torque
0.75 Nm
Repetition accuracy
±0.01 °
Max. axial force
200 N
Product weight
1075 g
Duty cycle
100%
Motor nominal current
0.31 A
Motor type
Servo motor
Nominal width
4 mm
Operating pressure
-0.9 bar ... 10 bar
Standard nominal flow rate
350 l/min
Max. output speed
200 1/min
Nominal operating voltage AC
230 V
Motor nominal power
9.2 W
Peak current
0.61 A
Max. pull-out torque static
15 Nm
Peak torque
1.8 Nm
Permissible mass moment of inertia of load
0.0026 kgm²
Pneumatic connection
G1/8
Degree of protection
IP40
Ambient temperature
0 °C ... 40 °C
Note on materials
RoHS-compliant
5/30/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 3383151

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3383152 FESTO-3383152 Datasheet
71Kb / 1P
Front unit
5/30/22
3383156 FESTO-3383156 Datasheet
73Kb / 1P
Front unit
5/30/22
3383157 FESTO-3383157 Datasheet
73Kb / 1P
Front unit
5/30/22
More results

Similar Description - 3383151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PKE12 ETC2-PKE12 Datasheet
311Kb / 4P
Single unit/Complete unit
logo
Festo Corporation.
3383152 FESTO-3383152 Datasheet
71Kb / 1P
Front unit
5/30/22
3383156 FESTO-3383156 Datasheet
73Kb / 1P
Front unit
5/30/22
3383157 FESTO-3383157 Datasheet
73Kb / 1P
Front unit
5/30/22
3385151 FESTO-3385151 Datasheet
73Kb / 1P
Front unit
5/30/22
3385152 FESTO-3385152 Datasheet
74Kb / 1P
Front unit
5/30/22
3385153 FESTO-3385153 Datasheet
73Kb / 1P
Front unit
5/30/22
3385154 FESTO-3385154 Datasheet
74Kb / 1P
Front unit
5/30/22
logo
FIBOX Enclosing innovat...
3780766 FIBOX-3780766 Datasheet
36Kb / 1P
Front plate
31.07.2023
3780768 FIBOX-3780768 Datasheet
36Kb / 1P
Front plate
31.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com