Electronic Components Datasheet Search
  English  ▼

X  

8083804 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8083804
Description  Mini slide unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8083804 Datasheet(HTML) 2 Page - Festo Corporation.

  8083804 Datasheet HTML 1Page - Festo Corporation. 8083804 Datasheet HTML 2Page - Festo Corporation. 8083804 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Rotor position sensor resolution
16 bit
Permissible voltage fluctuations
+/- 15 %
Power supply, type of connection
Plug
Power supply, connection technology
M12x1, T-coded as per EN 61076-2-111
Power supply, number of pins/wires
4
Power supply, connection pattern
00995989
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Vibration resistance
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 1 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364 zone III
Storage temperature
-20 °C ... 60 °C
Relative air humidity
0 - 90 %
Degree of protection
IP40
Protection class
III
Ambient temperature
0 °C ... 50 °C
Note on ambient temperature
Above an ambient temperature of 30°C, the power must be reduced by
2% per K.
Fixed bearing dynamic basic load rating
3795 N
Linear guide dynamic basic load rating
2135 N
Dynamic basic load rating, ball screw drive
2000 N
Max. force Fy
991 N
Max. force Fz
991 N
Max. torque Mx
3.4 Nm
Max. torque My
3.17 Nm
Max. torque Mz
3.17 Nm
Max. radial force on actuator shaft
140 N
Max. feed force Fx
60 N
Guide value for payload, horizontal
2 kg
Guide value for payload, vertical
2 kg
Ball screw drive statistical basic load rating
3700 N
Linear guide statistical basic load rating
3880 N
Feed constant
8 mm/U
Statistical fixed bearing load rating
1792 N
Reference value, running performance
5000 km
Maintenance interval
Life-time lubrication
Moving mass at 0 mm stroke
149 g
Additional moving mass per 10 mm stroke
12 g
Product weight
1225 g
Basic weight with 0 mm stroke
924 g
Additional weight per 10 mm stroke
30 g
Number of digital logic outputs 24 V DC
2
Number of digital logic inputs
2
Logic input specification
Based on IEC 61131-2, type 1
Work range of logic input
24 V
IO-Link®, SIO mode support
Yes
Characteristics of logic input
Configurable
Not galvanically isolated
5/26/22 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com