Electronic Components Datasheet Search
  English  ▼

X  

DF101 Datasheet(PDF) 2 Page - Schneider Electric

Part # DF101
Description  Fuse carrier TeSys DF, 1P 32A, fuse size 10 x 38 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF101 Datasheet(HTML) 2 Page - Schneider Electric

  DF101 Datasheet HTML 1Page - Schneider Electric DF101 Datasheet HTML 2Page - Schneider Electric DF101 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DNV-GL
Mounting Support
35 mm symmetrical DIN rail
Mounting position
Vertical +/- 23°)
Connections - terminals
screw clamp terminals 1 0.00…0.02 in² (1…16 mm²)rigid
screw clamp terminals 2 0.00…0.01 in² (1…6 mm²)rigid
screw clamp terminals 1 0.00…0.02 in² (1…16 mm²)flexible with or without
screw clamp terminals 2 0.00…0.01 in² (1…6 mm²)flexible with or without
Tightening torque
19.47 lbf.in (2.2 N.m) PZ2
19.47 lbf.in (2.2 N.m) flat Ø 5.5 mm
Height
3.13 in (79.5 mm)
Width
0.69 in (17.5 mm)
Depth
2.40 in (61 mm)
Net Weight
0.09 lb(US) (0.042 kg)
Quantity per Set
Set of 12
Environment
Ambient air temperature for
storage
-40…158 °F (-40…70 °C)
Ambient air temperature for
operation
-40…158 °F (-40…70 °C) with derating above 20°C
Operating altitude
0...6561.68 ft (0...2000 m)
IP degree of protection
IP20
Pollution degree
3
Fire resistance
1760 °F (960 °C) IEC 60695-2-1
Compatibility code
DF10
Ordering and shipping details
Category
21714-DF FUSEHOLDERS
Discount Schedule
CP1
GTIN
3389119407205
Nbr. of units in pkg.
1
Package weight(Lbs)
1.55 oz (44.0 g)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.67 in (1.7 cm)
Package 1 width
2.44 in (6.2 cm)
Package 1 Length
3.15 in (8 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
12
Package 2 Weight
19.96 oz (566.0 g)
Package 2 Height
2.76 in (7 cm)
Package 2 width
3.35 in (8.5 cm)
Package 2 Length
8.74 in (22.2 cm)
Unit Type of Package 3
P06
2
May 30, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com