Electronic Components Datasheet Search
  English  ▼

X  

DF102 Datasheet(PDF) 1 Page - Schneider Electric

Part # DF102
Description  Fuse carrier TeSys DF, 2P 32A, fuse size 10x38 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF102 Datasheet(HTML) 1 Page - Schneider Electric

  DF102 Datasheet HTML 1Page - Schneider Electric DF102 Datasheet HTML 2Page - Schneider Electric DF102 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Fuse carrier TeSys DF, 2P 32A,
fuse size 10x38 mm
DF102
Product availability : Stock - Normally stocked in distribution
facility
Price* : 20.40 USD
Main
Range
TeSys
Product name
TeSys DF
Product or Component Type
Fuse carrier
Device short name
DF10
Product compatibility
DF2CA fuse cartridge
DF2CN fuse cartridge
Poles description
2P
Fuse size
10 x 38 mm
Fuse type
, aM
, gG
Control type
Toggle padlockable
Utilisation category
AC-20B IEC 60947-3
DC-20B IEC 60947-3
[Ue] rated operational voltage
690 V AC
690 V DC
[Ie] rated operational current
32 A 400 V AC
[Ith] conventional free air
thermal current
32 A 68 °F (20 °C)
[Ui] rated insulation voltage
690 V AC
[Uimp] rated impulse withstand
voltage
6 kV
Overvoltage category
III
Short-circuit withstand
120 kA 400 V IEC 60947-3
120 kA 500 V IEC 60947-3
Power dissipation in W
3 W maximum power dissipation by fuse
Complementary
Standards
EN/IEC 60947-3
EN/IEC 60269-2
UL 4248-1
CSA C22.2 No 4248-1
EN 45545-2: R22 HL2
Product certifications
IEC
UL Recognized
CSA
CCC
EAC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 30, 2022
1


Similar Part No. - DF102

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF102 SCHNEIDER-DF102 Datasheet
95Kb / 3P
Fuse carrier TeSys DF, 2P 32A, fuse size 10x38 mm
Jul 12, 2021
DF102V SCHNEIDER-DF102V Datasheet
95Kb / 3P
Fuse carrier TeSys DF, 2P 32A, fuse size 10x38 mm, blown fuse indicator
Jul 12, 2021
DF102V SCHNEIDER-DF102V Datasheet
109Kb / 3P
Fuse carrier TeSys DF, 2P 32A, fuse size 10x38 mm, blown fuse indicator
May 30, 2022
DF102V SCHNEIDER-DF102V_V01 Datasheet
109Kb / 3P
Fuse carrier TeSys DF, 2P 32A, fuse size 10x38 mm, blown fuse indicator
May 30, 2022
More results

Similar Description - DF102

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF103V SCHNEIDER-DF103V Datasheet
108Kb / 3P
Fuse carrier TeSys DF, 3P 32A, fuse size 10x38 mm, blown fuse indicator
Jul 12, 2021
DF103N SCHNEIDER-DF103N Datasheet
115Kb / 3P
Fuse carrier TeSys DF, 3PN 32A, fuse size 10x38 mm
Jul 12, 2021
DF103 SCHNEIDER-DF103 Datasheet
107Kb / 3P
Fuse carrier TeSys DF, 3P 32A, fuse size 10x38 mm
Jul 12, 2021
DF102V SCHNEIDER-DF102V Datasheet
95Kb / 3P
Fuse carrier TeSys DF, 2P 32A, fuse size 10x38 mm, blown fuse indicator
Jul 12, 2021
DF102 SCHNEIDER-DF102 Datasheet
95Kb / 3P
Fuse carrier TeSys DF, 2P 32A, fuse size 10x38 mm
Jul 12, 2021
DF101V SCHNEIDER-DF101V Datasheet
84Kb / 3P
Fuse carrier TeSys DF, 1P 32A, fuse size 10x38 mm, blown fuse indicator
Jul 12, 2021
DF102V SCHNEIDER-DF102V_V01 Datasheet
109Kb / 3P
Fuse carrier TeSys DF, 2P 32A, fuse size 10x38 mm, blown fuse indicator
May 30, 2022
DF103N SCHNEIDER-DF103N_V01 Datasheet
128Kb / 3P
Fuse carrier TeSys DF, 3PN 32A, fuse size 10x38 mm
May 30, 2022
DF103V SCHNEIDER-DF103V_V01 Datasheet
121Kb / 3P
Fuse carrier TeSys DF, 3P 32A, fuse size 10x38 mm, blown fuse indicator
May 30, 2022
DF103 SCHNEIDER-DF103_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 32A, fuse size 10x38 mm
May 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com